Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 292 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 292 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 288Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 289Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 290Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 291Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 292Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 293Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 294Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 295Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 296Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
292
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1720 (6B8h) OUT4RMIX Input 1
Source
OUT4
RMIX_
STS1
0
0
0
0
0
0
0
OUT4RMIX_SRC1 [7:0]
0000h
R1721 (6B9h) OUT4RMIX Input 1
Volume
0
0
0
0
0
0
0
0
OUT4RMIX_VOL1 [6:0]
0
0080h
R1722 (6BAh) OUT4RMIX Input 2
Source
OUT4
RMIX_
STS2
0
0
0
0
0
0
0
OUT4RMIX_SRC2 [7:0]
0000h
R1723 (6BBh) OUT4RMIX Input 2
Volume
0
0
0
0
0
0
0
0
OUT4RMIX_VOL2 [6:0]
0
0080h
R1724 (6BCh) OUT4RMIX Input 3
Source
OUT4
RMIX_
STS3
0
0
0
0
0
0
0
OUT4RMIX_SRC3 [7:0]
0000h
R1725 (6BDh) OUT4RMIX Input 3
Volume
0
0
0
0
0
0
0
0
OUT4RMIX_VOL3 [6:0]
0
0080h
R1726 (6BEh) OUT4RMIX Input 4
Source
OUT4
RMIX_
STS4
0
0
0
0
0
0
0
OUT4RMIX_SRC4 [7:0]
0000h
R1727 (6BFh) OUT4RMIX Input 4
Volume
0
0
0
0
0
0
0
0
OUT4RMIX_VOL4 [6:0]
0
0080h
R1728 (6C0h) OUT5LMIX Input 1
Source
OUT5L
MIX_S
TS1
0
0
0
0
0
0
0
OUT5LMIX_SRC1 [7:0]
0000h
R1729 (6C1h) OUT5LMIX Input 1
Volume
0
0
0
0
0
0
0
0
OUT5LMIX_VOL1 [6:0]
0
0080h
R1730 (6C2h) OUT5LMIX Input 2
Source
OUT5L
MIX_S
TS2
0
0
0
0
0
0
0
OUT5LMIX_SRC2 [7:0]
0000h
R1731 (6C3h) OUT5LMIX Input 2
Volume
0
0
0
0
0
0
0
0
OUT5LMIX_VOL2 [6:0]
0
0080h
R1732 (6C4h) OUT5LMIX Input 3
Source
OUT5L
MIX_S
TS3
0
0
0
0
0
0
0
OUT5LMIX_SRC3 [7:0]
0000h
R1733 (6C5h) OUT5LMIX Input 3
Volume
0
0
0
0
0
0
0
0
OUT5LMIX_VOL3 [6:0]
0
0080h
R1734 (6C6h) OUT5LMIX Input 4
Source
OUT5L
MIX_S
TS4
0
0
0
0
0
0
0
OUT5LMIX_SRC4 [7:0]
0000h
R1735 (6C7h) OUT5LMIX Input 4
Volume
0
0
0
0
0
0
0
0
OUT5LMIX_VOL4 [6:0]
0
0080h
R1736 (6C8h) OUT5RMIX Input 1
Source
OUT5
RMIX_
STS1
0
0
0
0
0
0
0
OUT5RMIX_SRC1 [7:0]
0000h
R1737 (6C9h) OUT5RMIX Input 1
Volume
0
0
0
0
0
0
0
0
OUT5RMIX_VOL1 [6:0]
0
0080h
R1738 (6CAh) OUT5RMIX Input 2
Source
OUT5
RMIX_
STS2
0
0
0
0
0
0
0
OUT5RMIX_SRC2 [7:0]
0000h
R1739 (6CBh) OUT5RMIX Input 2
Volume
0
0
0
0
0
0
0
0
OUT5RMIX_VOL2 [6:0]
0
0080h
R1740 (6CCh) OUT5RMIX Input 3
Source
OUT5
RMIX_
STS3
0
0
0
0
0
0
0
OUT5RMIX_SRC3 [7:0]
0000h
R1741 (6CDh) OUT5RMIX Input 3
Volume
0
0
0
0
0
0
0
0
OUT5RMIX_VOL3 [6:0]
0
0080h
R1742 (6CEh) OUT5RMIX Input 4
Source
OUT5
RMIX_
STS4
0
0
0
0
0
0
0
OUT5RMIX_SRC4 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com