Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 294 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 294 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 290Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 291Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 292Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 293Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 294Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 295Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 296Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 297Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 298Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
294
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R1814 (716h) AIF1TX3MIX Input
4 Source
AIF1T
X3MIX
_STS4
0
0
0
0
0
0
0
AIF1TX3MIX_SRC4 [7:0]
0000h
R1815 (717h) AIF1TX3MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF1TX3MIX_VOL4 [6:0]
0
0080h
R1816 (718h) AIF1TX4MIX Input
1 Source
AIF1T
X4MIX
_STS1
0
0
0
0
0
0
0
AIF1TX4MIX_SRC1 [7:0]
0000h
R1817 (719h) AIF1TX4MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF1TX4MIX_VOL1 [6:0]
0
0080h
R1818 (71Ah) AIF1TX4MIX Input
2 Source
AIF1T
X4MIX
_STS2
0
0
0
0
0
0
0
AIF1TX4MIX_SRC2 [7:0]
0000h
R1819 (71Bh) AIF1TX4MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF1TX4MIX_VOL2 [6:0]
0
0080h
R1820 (71Ch) AIF1TX4MIX Input
3 Source
AIF1T
X4MIX
_STS3
0
0
0
0
0
0
0
AIF1TX4MIX_SRC3 [7:0]
0000h
R1821 (71Dh) AIF1TX4MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF1TX4MIX_VOL3 [6:0]
0
0080h
R1822 (71Eh) AIF1TX4MIX Input
4 Source
AIF1T
X4MIX
_STS4
0
0
0
0
0
0
0
AIF1TX4MIX_SRC4 [7:0]
0000h
R1823 (71Fh) AIF1TX4MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF1TX4MIX_VOL4 [6:0]
0
0080h
R1824 (720h) AIF1TX5MIX Input
1 Source
AIF1T
X5MIX
_STS1
0
0
0
0
0
0
0
AIF1TX5MIX_SRC1 [7:0]
0000h
R1825 (721h) AIF1TX5MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF1TX5MIX_VOL1 [6:0]
0
0080h
R1826 (722h) AIF1TX5MIX Input
2 Source
AIF1T
X5MIX
_STS2
0
0
0
0
0
0
0
AIF1TX5MIX_SRC2 [7:0]
0000h
R1827 (723h) AIF1TX5MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF1TX5MIX_VOL2 [6:0]
0
0080h
R1828 (724h) AIF1TX5MIX Input
3 Source
AIF1T
X5MIX
_STS3
0
0
0
0
0
0
0
AIF1TX5MIX_SRC3 [7:0]
0000h
R1829 (725h) AIF1TX5MIX Input
3 Volume
0
0
0
0
0
0
0
0
AIF1TX5MIX_VOL3 [6:0]
0
0080h
R1830 (726h) AIF1TX5MIX Input
4 Source
AIF1T
X5MIX
_STS4
0
0
0
0
0
0
0
AIF1TX5MIX_SRC4 [7:0]
0000h
R1831 (727h) AIF1TX5MIX Input
4 Volume
0
0
0
0
0
0
0
0
AIF1TX5MIX_VOL4 [6:0]
0
0080h
R1832 (728h) AIF1TX6MIX Input
1 Source
AIF1T
X6MIX
_STS1
0
0
0
0
0
0
0
AIF1TX6MIX_SRC1 [7:0]
0000h
R1833 (729h) AIF1TX6MIX Input
1 Volume
0
0
0
0
0
0
0
0
AIF1TX6MIX_VOL1 [6:0]
0
0080h
R1834 (72Ah) AIF1TX6MIX Input
2 Source
AIF1T
X6MIX
_STS2
0
0
0
0
0
0
0
AIF1TX6MIX_SRC2 [7:0]
0000h
R1835 (72Bh) AIF1TX6MIX Input
2 Volume
0
0
0
0
0
0
0
0
AIF1TX6MIX_VOL2 [6:0]
0
0080h
R1836 (72Ch) AIF1TX6MIX Input
3 Source
AIF1T
X6MIX
_STS3
0
0
0
0
0
0
0
AIF1TX6MIX_SRC3 [7:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com