Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 332 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 332 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 326Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 327Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 328Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 329Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 330Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 331Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 332Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 333Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 334Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 332 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
332
REVISION HISTORY
DATE
REV
DESCRIPTION OF CHANGES
PAGE
CHANGED BY
05/04/12
1.0
Initial version
PH
18/04/12
2.0
HPDET_STS, MICDET_STS deleted
PWM_CLK_SEL description updated (50MHz option deleted).
PH
08/06/12
2.0
Sample rates greater than 192kHz deleted.
Power Domain information added.
DCVDD & Configuration requirements for 50MHz clocking added.
Electrical Characteristics updated (min/max limits deleted).
FLL Synchroniser timing requirements added.
DMICCLK, SPKCLK, BCLK timing requirements updated.
LRA_FREQ register description updated (Haptics).
Added details of the supported Sample Rates for different blocks.
Additional details of SLIMbus clocking & Framer functions.
Output Path noise gate function added.
ECI_JD_SRC register deleted.
ECI_BIAS_SRC register updated, noting permitted configurations of
ECI digital/analogue bias sources.
LDO2_ENA and LDO2_BYPASS register deleted – these are slaved to
the CP2 controls.
Clocking Configuration Applications Info updated to incorporate
SLIMbus interface options.
Analogue connections updated on External Components figure.
PH
03/07/12
2.0
Update to GPIO FLL clock output: FLLn_GPCLK_DIV controls the
frequency relative to Fvco, ie. independent of FLLn_OUTDIV.
Volume Ramp register descriptions updated.
Maximum LDO2 output voltage amended to 3.25V.
PH
30/07/12
2.0
DRC2 deleted
HP_CLK_DIV register deleted
GP_DBTIME register updated
DSP Firmware memory definitions updated
MICBIAS description moved to Charge Pump & Regulator section.
PH
05/10/12
2.0
Package Drawing updated.
Input Pin descriptions corrected.
SUBSYS_MAX_FREQ bit, and associated LDO requirements added,
enabling 49.152MHz DSP clocking..
Noted Left-Justified and DSP-B modes valid in Master mode only.
Maximum LDO2 output voltage reverted to 3.3V.
Electrical Characteristics updated.
Noted MICVDD required for analogue inputs.
Changed descriptions of Input PGA & Output PGA ramp control registers.
Typical AIF system connections updated.
Noted AIF format is 2’s complement.
Noted LRCLK rate registers only applicable in Slave mode.
Noted MICVDD required for accessory detection.
Deleted 64kHz & 128kHz audio sample rates.
Noted 32kHz clock required for CP2.
PH
15/10/12
2.0
Rev B silicon updates added:
Support for second ASYNCCLK sample rate.
Write Sequencer trigger function from DRC Signal Detect added.
Enhancement to Headphone Impedance measurement.
Added MICDET clamp and associated WKUP/WSEQ controls.
Input pin maximum ratings updated; recommended to use Right channel
analogue mic paths when using accessory detect.
PH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com