Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 333 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 333 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 326Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 327Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 328Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 329Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 330Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 331Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 332Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 333Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 334Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 333 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
333
DATE
REV
DESCRIPTION OF CHANGES
PAGE
CHANGED BY
18/10/12
2.0
Package Drawing updated.
I2C timing diagram updated, with additional “SDA Valid” parameter.
PH
13/11/12
2.0
Electrical Characteristics updated.
OUT[1-4]_OSR register bits deleted.
OUTnx_PGA_VOL registers deleted.
Correction to Pin Numbering (SPKOUTLP, SPKOUTLN, SPKOUTRP,
SPKOUTRN)
PH
14/12/12
3.0
Updates describing automatic gain in AEC Loopback path.
Package drawing updated.
Generic description added for digital core mixer control registers.
Typical power consumption data added
PH
19/02/13
3.0
Electrical Characteristics updated.
ESD diode configuration details added for external outputs.
OUT4_OSR register bit reinstated.
PH
20/03/13
4.0
FLL Gain and Bandwidth control registers added.
DSP Firmware memory reset conditions amended (including
DSP1_MEM_ENA description).
DMA register control requirements added for disabling DSP.
PH
08/05/13
4.0
Deleted statements about automatic thermal shutdown - speaker drivers
must be disabled via software control.
IM_BOOT_DONE_EINT2 updated (default is 0 - unmasked)
PH
10/07/13
4.1
Power-up timing and Reset requirements updated.
SNR test conditions clarified.
Headphone impedance measurement control sequence updated;
HP_IMPEDANCE_RANGE updated;
HP_DACVAL added, HP_LVL deleted.
MEMS microphone connection description added.
DSP_IRQn bits added.
DAC output path now supports sample rates up to192kHz.
SLIMbus description added, including supported messages.
SLIMbus port configuration registers added.
OUTn_OSR and DACn_FREQ_LIM registers added for optimising
Headphone and Earpiece paths.
MICD_PD register deleted.
Clarifications to Sleep/Wake-Up control, including the LDOENA pin.
Noted that Control Sequence on Wake-Up is not supported.
User boot sequence is not supported.
FLLn_CTRL_UPD and associated descriptions updated.
Added details of register configuration sequence - required on POR,
HW Reset, SW Reset & Wake-Up.
PH
06/12/13
4.1
Noted that MICVDD (output) can be used to power external mics.
Clarification to maximum input signal levels (analogue & digital).
Thermal characteristics added.
Noted DRC function supports sample rates up to 96kHz only.
DSP firmware requirements clarified; DMA and JTAG added.
Noted GPIO5 functions are different to GPIO1,2,3,4.
GPIO WSEQ output description updated
FLL free-running mode description updated
Noted LDO1 cannot be used to power external circuits.
Added clarifications and summary of memory/register status following
POR, HW Reset, SW Reset, and Sleep.
PH
29/01/14
4.1
MCLK2 sleep mode frequency limit added.
SLIMbus Interface Timing details added.
48kHz BCLK support deleted
Clarification of Sleep mode clocking requirements.
SPK1_FMT definition amended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com