Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
35
CONTROL INTERFACE TIMING
SCLK
(input)
SDA
t4
t3
START
t8
STOP
t2
t1
t7
t6
t5
t9
t10
Figure 8 Control Interface Timing
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SCLK Frequency
1000
kHz
SCLK Low Pulse-Width
t1
500
ns
SCLK High Pulse-Width
t2
260
ns
Hold Time (Start Condition)
t3
260
ns
Setup Time (Start Condition)
t4
260
ns
SDA, SCLK Rise Time (20% to 80%)
t6
120
ns
SDA, SCLK Fall Time (80% to 20%)
t7
120
ns
Setup Time (Stop Condition)
t8
260
ns
SDA Setup Time (data input)
t5
50
ns
SDA Hold Time (data input)
t9
0
ns
SDA Valid Time (data/ACK output)
t10
450
ns
Pulse width of spikes that will be suppressed
tps
0
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com