Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 307 page
background image
WM8998
Production Data
w
PD, October 2014, Rev 4.0
42
ANALOGUE LINE INPUT
Line inputs can be connected to the WM8998 in a similar manner to the microphone inputs described
above. Single-ended and differential modes are supported on each of the six analogue input paths.
The applicable mode (single-ended or differential) is selected using the INnx_SRC registers, as
described later.
The analogue line input configurations are illustrated in Figure 15 and Figure 16. Note that the
microphone bias (MICBIAS) is not used for line input connections.
GND
Line
To ADC
PGA
VMID
IN1AxN,
IN1BxN,
IN2AN,
IN2BN
IN1AxP,
IN1BxP,
IN2AP,
IN2BP
To ADC
PGA
VMID
IN1AxN,
IN1BxN,
IN2AN,
IN2BN
IN1AxP,
IN1BxP,
IN2AP,
IN2BP
Line
Figure 15 Single-Ended Line Input
Figure 16 Differential Line Input
DIGITAL MICROPHONE INPUT
Up to three digital microphones can be connected to the WM8998. The digital microphone mode is
selected using the INn_MODE registers, as described later. Note that the IN1_MODE setting is
applicable to a stereo pair of inputs; the Left and Right channels of any stereo pair of inputs are
always in the same mode.
In digital microphone mode, audio data is input on the DMICDAT1 or DMICDAT2 pins. The
DMICDAT1 pin carries two multiplexed channels of audio data; the DMICDAT2 pin supports a single
channel of audio data. These interfaces are clocked using the respective DMICCLK1 or DMICCLK2
pin.
When digital microphone input is enabled, the WM8998 outputs a clock signal on the applicable
DMICCLKn pin(s). The DMICCLKn frequency is controlled by the respective INn_OSR register, as
described in Table 1. See Table 3 for details of the INn_OSR registers.
Note that, if the 768kHz DMICCLKn frequency is selected for one or more of the digital microphone
input paths, then the Input Path sample rate (all input paths) is valid in the range 8kHz to 16kHz only.
Note that the DMICCLKn frequencies noted in Table 1 assume that the SYSCLK frequency is a
multiple of 6.144MHz (SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of 5.6448MHz
(SYSCLK_FRAC=1), then the DMICCLKn frequencies will be scaled accordingly.
CONDITION
DMICCLKn FREQUENCY
SIGNAL PASSBAND
INn_OSR = 00
1.536MHz
up to 20kHz
INn_OSR = 01
3.072MHz
up to 20kHz
INn_OSR = 11
768kHz
up to 8kHz
Table 1 DMICCLK Frequency
The voltage reference for each digital microphone interface is selectable, using the INn_DMIC_SUP
registers. Each interface may be referenced to MICVDD, or to the MICBIAS1, MICBIAS2 or
MICBIAS3 levels.
A stereo pair of digital microphones is connected as illustrated in Figure 17. In this configuration, the
microphones must be configured to ensure that the Left mic transmits a data bit when DMICCLK is
high, and the Right mic transmits a data bit when DMICCLK is low. The WM8998 samples the digital
microphone data at the end of each DMICCLK phase. Each microphone must tri-state its data output
when the other microphone is transmitting.
The DMICDAT2 pin supports mono input on the Left interface channel only. The DMIC2 microphone
ust be configured to ensure that it transmits a data bit when DMICCLK is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com