Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
57
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11h = IN1R signal path
12h = IN2 signal path
20h = AIF1 RX1
21h = AIF1 RX2
22h = AIF1 RX3
23h = AIF1 RX4
24h = AIF1 RX5
25h = AIF1 RX6
28h = AIF2 RX1
29h = AIF2 RX2
2Ah = AIF2 RX3
2Bh = AIF2 RX4
2Ch = AIF2 RX5
2Dh = AIF2 RX6
30h = AIF3 RX1
31h = AIF3 RX2
38h = SLIMbus RX1
39h = SLIMbus RX2
3Ah = SLIMbus RX3
3Bh = SLIMbus RX4
50h = EQ1
51h = EQ2
52h = EQ3
53h = EQ4
58h = DRC1 Left
59h = DRC1 Right
60h = LHPF1
61h = LHPF2
62h = LHPF3
63h = LHPF4
90h = ASRC1 Left
91h = ASRC1 Right
92h = ASRC2 Left
93h = ASRC2 Right
A0h = ISRC1 INT1
A1h = ISRC1 INT2
A2h = ISRC1 INT3
A3h = ISRC1 INT4
A4h = ISRC1 DEC1
A5h = ISRC1 DEC2
A6h = ISRC1 DEC3
A7h = ISRC1 DEC4
A8h = ISRC2 INT1
A9h = ISRC2 INT2
ACh = ISRC2 DEC1
ADh = ISRC2 DEC2
Table 7 Digital Core Mixer Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com