| Electronic Components Datasheet Search |
|
WM8998 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8998 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc |
|
41 / 307 page ![]() Production Data WM8998 w PD, October 2014, Rev 4.0 41 ANALOGUE MICROPHONE INPUT Up to six analogue microphones can be connected to the WM8998, either in single-ended or differential mode. The applicable mode, and input pin selection, is controlled using the INnx_SRC registers, as described later. The WM8998 includes external accessory detection circuits, which can detect the presence of a microphone, and the status of a hookswitch or other push-buttons. When using this function, it is recommended to use the IN2B analogue microphone input paths, to ensure best immunity to electrical transients arising from the push-buttons. For single-ended input, the microphone signal is connected to the non-inverting input of the PGAs (INnLP, INnRP, or INnP). The inverting inputs of the PGAs are connected to an internal reference in this configuration. For differential input, the non-inverted microphone signal is connected to the non-inverting input of the PGAs (INnLP, INnRP, or INnP), whilst the inverted (or ‘noisy ground’) signal is connected to the inverting input pins (INnLN, INnRN, or INnN). The gain of the input PGAs is controlled via register settings, as defined in Table 4. Note that the input impedance of the analogue input paths is fixed across all PGA gain settings. The Electret Condenser Microphone (ECM) analogue input configurations are illustrated in Figure 11 and Figure 12. The integrated MICBIAS generators provide a low noise reference for biasing the ECMs. To ADC PGA VMID IN1AxN, IN1BxN, IN2AN, IN2BN IN1AxP, IN1BxP, IN2AP, IN2BP MIC GND MICBIAS To ADC PGA VMID IN1AxN, IN1BxN, IN2AN, IN2BN IN1AxP, IN1BxP, IN2AP, IN2BP MIC GND MICBIAS Figure 11 Single-Ended ECM Input Figure 12 Differential ECM Input Analogue MEMS microphones can be connected to the WM8998 in a similar manner to the ECM configurations described above; typical configurations are illustrated in Figure 13 and Figure 14. In this configuration, the integrated MICBIAS generators provide a low-noise power supply for the microphones. To ADC PGA VREF IN1AxN, IN1BxN, IN2AN, IN2BN IN1AxP, IN1BxP, IN2AP, IN2BP MEMS Mic MICBIAS VDD OUT GND GND To ADC PGA VREF IN1AxN, IN1BxN, IN2AN, IN2BN IN1AxP, IN1BxP, IN2AP, IN2BP MEMS Mic MICBIAS VDD OUT-P GND GND OUT-N Figure 13 Single-Ended MEMS Input Figure 14 Differential MEMS Input Note that the MICVDD pin can also be used (instead of MICBIASn) as a reference or power supply for external microphones. The MICBIAS outputs are recommended, as these offer better noise performance and independent enable/disable control. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |