Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
79
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1474
(05C2h)
SPD1 TX
Control
13
SPD1_VAL2
0
S/PDIF validity (Subframe B)
12
SPD1_VAL1
0
S/PDIF validity (Subframe A)
0
SPD1_ENA
0
S/PDIF Generator Enable
0 = Disabled
1 = Enabled
R1475
(05C3h)
SPD1 TX
Channel
Status 1
15:8
SPD1_CATCODE
[7:0]
00h
S/PDIF Category code
7:6
SPD1_CHSTMO
DE [1:0]
00
S/PDIF Channel Status mode
5:3
SPD1_PREEMPH
[2:0]
000
S/PDIF De-emphasis mode
2
SPD1_NOCOPY
0
S/PDIF Copyright status
1
SPD1_NOAUDIO
0
S/PDIF Audio / Non-audio indication
0
SPD1_PRO
0
S/PDIF Consumer / Professional Mode
R1476
(05C4h)
SPD1 TX
Channel
Status 2
15:12 SPD1_FREQ [3:0]
0000
S/PDIF Indicated sample frequency
11:8
SPD1_CHNUM2
[3:0]
1011
S/PDIF Channel number (Subframe B)
7:4
SPD1_CHNUM1
[3:0]
0000
S/PDIF Channel number (Subframe A)
3:0
SPD1_SRCNUM
[3:0]
0001
S/PDIF Source number
R1477
(05C5h)
SPD1 TX
Channel
Status 3
11:8
SPD1_ORGSAM
P [3:0]
0000
S/PDIF Original sample frequency
7:5
SPD1_TXWL [2:0]
000
S/PDIF Audio sample word length
4
SPD1_MAXWL
0
S/PDIF Maximum audio sample word
length
3:2
SPD1_SC31_30
[1:0]
00
S/PDIF Channel Status [31:30]
1:0
SPD1_CLKACU
[1:0]
00
Transmitted clock accuracy
Table 15 S/PDIF Output Generator Control
The WM8998 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the digital mixer paths. If an attempt is made to enable the SPDIF generator, and there are
insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful. (Note that any signal
paths that are already active will not be affected under these circumstances.)
The Overclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R2920 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com