Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
77
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3789
(0ECDh)
HPLPF4_
2
15:0
LHPF4_COEFF
[15:0]
0000h
Low/High Pass Filter 4 Frequency
Coefficient
Refer to WISCE evaluation board control
software for the derivation of this field
value.
Table 14 Low Pass Filter / High Pass Filter Control
The WM8998 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the commanded LHPF and digital mixing functions. If an attempt is made to enable an LHPF
signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error can be monitored using the GPIO and/or Interrupt functions. See “General
Purpose Input / Output” and “Interrupts” for further details.
The FX_STS field in Register R3585 indicates the status of each of the EQ, DRC and LHPF signal
paths. If an Underclocked Error condition occurs, then this register provides readback of which EQ,
DRC or LHPF signal path(s) have been successfully enabled.
The status bits in Registers R1600 to R2920 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com