Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 307 page
background image
WM8998
Production Data
w
PD, October 2014, Rev 4.0
78
SPDIF OUTPUT GENERATOR
The WM8998 incorporates an IEC-60958-3 compatible S/PDIF output generator, as illustrated in
Figure 29; this provides a stereo S/PDIF output on a GPIO pin. The S/PDIF transmitter allows full
control over the S/PDIF validity bits and channel status information.
The input sources to the S/PDIF transmitter are selectable for each channel, and independent volume
control is provided for each path. The *TX1 and *TX2 registers control channels ‘A’ and ‘B’
(respectively) of the S/PDIF output.
The S/PDIF signal can be output directly on a GPIO pin. See “General Purpose Input / Output” to
configure a GPIO pin for this function.
Note that the S/PDIF signal cannot be selected as input to the digital mixers or signal processing
functions within the WM8998 digital core.
SPDIF1TX1MIX_VOL
SPDIF1TX2MIX_VOL
SPDIF1TX2MIX_SRC
SPDIF1TX1MIX_SRC
GPIO
(GPn = 07h)
S/PDIF
SPD1_ENA
SPD1_RATE
Channel ‘A’
Channel ‘B’
Figure 29 Digital Core S/PDIF Output Generator
The S/PDIF input control registers (see Figure 29) are located at register addresses R2048 (800h)
through to R2057 (809h).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R2920). Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the two S/PDIF channels. Note that the selected
input source(s) must be synchronised to the SYSCLK clocking domain, and configured for the same
sample rate as the S/PDIF generator. Sample rate conversion functions are available to support
flexible interconnectivity - see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous
Sample Rate Converter (ISRC)”.
The sample rate of the S/PDIF generator is configured using the SPD1_RATE register - see Table 19.
The S/PDIF transmitter supports sample rates in the range 32kHz up to 192kHz. Note that sample
rate conversion is required when linking the S/PDIF generator to any signal chain that is
asynchronous and/or configured for a different sample rate.
The S/PDIF generator is enabled using the SPD1_ENA register bit, as described in Table 15.
The S/PDIF output contains audio data derived from the selected sources. Audio samples up to 24-bit
width can be accommodated. The Validity bits and the Channel Status bits in the S/PDIF data are
configured using the corresponding fields in registers R1474 (5C2h) to R1477 (5C5h).
Refer to S/PDIF specification (IEC 60958-3) for full details of the S/PDIF protocol and configuration
parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com