Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
29
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal Clocking
SYSCLK frequency
SYSCLK_FREQ=000, SYSCLK_FRAC=0
-1%
6.144
+1%
MHz
SYSCLK_FREQ=000, SYSCLK_FRAC=1
-1%
5.6448
+1%
SYSCLK_FREQ=001, SYSCLK_FRAC=0
-1%
12.288
+1%
SYSCLK_FREQ=001, SYSCLK_FRAC=1
-1%
11.2896
+1%
SYSCLK_FREQ=010, SYSCLK_FRAC=0
-1%
24.576
+1%
SYSCLK_FREQ=010, SYSCLK_FRAC=1
-1%
22.5792
+1%
SYSCLK_FREQ=011, SYSCLK_FRAC=0
-1%
49.152
+1%
SYSCLK_FREQ=011, SYSCLK_FRAC=1
-1%
45.1584
+1%
ASYNCCLK frequency
ASYNC_CLK_FREQ=000
-1%
6.144
+1%
MHz
-1%
5.6448
+1%
ASYNC_CLK_FREQ=001
-1%
12.288
+1%
-1%
11.2896
+1%
ASYNC_CLK_FREQ=010
-1%
24.576
+1%
-1%
22.5792
+1%
ASYNC_CLK_FREQ=011
-1%
49.152
+1%
-1%
45.1584
+1%
Note:
When MCLK1 or MCLK2 is selected as a source for SYSCLK or ASYNCCLK (either directly or via one of the FLLs), the frequency
must be within 1% of the applicable SYSCLK_FREQ or ASYNCCLK_FREQ register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com