Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 307 page
background image
WM8998
Production Data
w
PD, October 2014, Rev 4.0
8
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8998ECS/R
-40°C to +85°C
W-CSP
(Pb-free, Tape and reel)
MSL1
260°C
Note:
Reel quantity = 7000
PIN DESCRIPTION
A description of each pin on the WM8998 is provided below.
Note that a table detailing the associated power domain for every digital input / digital output pin is provided on the following page.
Note that, where multiple pins share a common name, these pins should be tied together on the PCB.
All Digital Output pins are CMOS outputs, unless otherwise stated.
PIN NO
NAME
TYPE
DESCRIPTION
F7
ADDR
Digital Input
Control interface (I2C) address select
A2, B7, D10,
E12, H4
AGND
Supply
Analogue ground (Return path for AVDD)
J12
AIF1BCLK
Digital Input / Output
Audio interface 1 bit clock
F10
AIF1LRCLK
Digital Input / Output
Audio interface 1 left / right clock
H11
AIF1RXDAT
Digital Input
Audio interface 1 RX digital audio data
G10
AIF1TXDAT
Digital Output
Audio interface 1 TX digital audio data
J9
AIF2BCLK
Digital Input / Output
Audio interface 2 bit clock
H9
AIF2LRCLK
Digital Input / Output
Audio interface 2 left / right clock
G7
AIF2RXDAT
Digital Input
Audio interface 2 RX digital audio data
H8
AIF2TXDAT
Digital Output
Audio interface 2 TX digital audio data
J6
AIF3BCLK
Digital Input / Output
Audio interface 3 bit clock
H5
AIF3LRCLK
Digital Input / Output
Audio interface 3 left / right clock
G5
AIF3RXDAT
Digital Input
Audio interface 3 RXdigital audio data
F5
AIF3TXDAT
Digital Output
Audio interface 3 TX digital audio data
A3, A7, J4
AVDD
Supply
Analogue supply
B9
CP1CA
Analogue Output
Charge pump 1 fly-back capacitor pin
B10
CP1CB
Analogue Output
Charge pump 1 fly-back capacitor pin
A10
CP1VOUTN
Analogue Output
Charge pump 1 negative output decoupling pin
A9
CP1VOUTP
Analogue Output
Charge pump 1 positive output decoupling pin
B11
CP2CA
Analogue Output
Charge pump 2 fly-back capacitor pin
A11
CP2CB
Analogue Output
Charge pump 2 fly-back capacitor pin
C11
CP2VOUT
Analogue Output
Charge pump 2 output decoupling pin / Supply for LDO2
C10
CPGND
Supply
Charge pump 1 & 2 ground (Return path for CPVDD)
C9
CPVDD
Supply
Supply for Charge Pump 1 & 2
G12, J10
DBVDD1
Supply
Digital buffer (I/O) supply (core functions and Audio Interface 1)
J7
DBVDD2
Supply
Digital buffer (I/O) supply (for Audio Interface 2, GPIO2, GPIO4)
J5
DBVDD3
Supply
Digital buffer (I/O) supply (for Audio Interface 3, GPIO3)
H13, J8
DCVDD
Supply
Digital core supply
D5, D6, D7,
D8, E4, E5,
E6, E7, E8,
E9, E10, F4,
F6, G6, G13,
H6
DGND
Supply
Digital ground
(Return path for DCVDD, DBVDD1, DBVDD2 and DBVDD3)
A5
EPOUTN
Analogue Output
Earpiece negative output
A4
EPOUTP
Analogue Output
Earpiece positive output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com