Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 307 page
background image
WM8998
Production Data
w
PD, October 2014, Rev 4.0
20
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input / Output (except DMICDATn and DMICCLKn)
Digital I/O is referenced to DBVDD1, DBVDD2 or DBVDD3. See “Pin Description” for the domain applicable to each pin.
See “Recommended Operating Conditions” for the valid operating voltage range of each DBVDDn domain.
Input HIGH Level
VIH
VDBVDDn =1.8V ±10%
0.65 ×
VDBVDDn
V
VDBVDDn =3.3V ±10%
0.7 ×
VDBVDDn
Input LOW Level
VIL
VDBVDDn =1.8V ±10%
0.35 ×
VDBVDDn
V
VDBVDDn =3.3V ±10%
0.3 ×
VDBVDDn
Note that digital input pins should not be left unconnected or floating.
Output HIGH Level
VOH
IOH = 1mA
0.9 ×
VDBVDDn
V
Output LOW Level
VOL
IOL = -1mA
0.1 ×
VDBVDDn
V
Input capacitance
10
pF
Input leakage
-1
1
µA
Pull-up resistance
(where applicable)
42
49
56
kΩ
Pull-down resistance
(where applicable)
80
105
130
kΩ
Digital Microphone Input / Output (DMICDATn and DMICCLKn)
DMICDATn and DMICCLKn are each referenced to a selectable supply, VSUP, according to the INn_DMIC_SUP registers
DMICDATn input HIGH Level
VIH
0.65 × VSUP
V
DMICDATn input LOW Level
VIL
0.35 × VSUP
V
DMICCLKn output HIGH Level
VOH
IOH = 1mA
0.8 × VSUP
V
DMICCLKn output LOW Level
VOL
IOL = -1mA
0.2 × VSUP
V
Input capacitance
10
pF
Input leakage
-1
1
µA
SLIMbus Digital Input / Output (SLIMCLK and SLIMDAT)
1.8V I/O Signalling (ie. 1.65V ≤ DBVDD1 ≤1.95V)
Input HIGH Level
VIH
0.65 ×
VDBVDD1
V
Input LOW Level
VIL
0.35 ×
VDBVDD1
V
Output HIGH Level
VOH
IOH = 1mA
0.9 ×
VDBVDD1
V
Output LOW Level
VOL
IOL = -1mA
0.1 ×
VDBVDD1
V
Pin capacitance
5
pF
General Purpose Input / Output (GPIOn)
Clock output frequency
GPIO pin configured as
OPCLK or FLL output
26.5
MHz
General Purpose Switch
See “Absolute Maximum Ratings” for voltage limits applicable to the GPSWP and GPSWN pins.
Switch resistance
RDS(ON)
Switch closed, I=1mA
40
Ω
Switch resistance
RDS(OFF)
Switch open
100
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com