Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
85
PWM GENERATOR
The WM8998 incorporates two Pulse Width Modulation (PWM) signal generators as illustrated in
Figure 32. The duty cycle of each PWM signal can be modulated by an audio source, or can be set to
a fixed value using a control register setting.
A 4-input mixer is associated with each PWM generator. The 4 input sources are selectable in each
case, and independent volume control is provided for each path.
The PWM signal generators can be output directly on a GPIO pin. See “General Purpose Input /
Output” to configure a GPIO pin for this function.
Note that the PWM signal generators cannot be selected as input to the digital mixers or signal
processing functions within the WM8998 digital core.
PWM1MIX_VOL2
PWM1MIX_VOL3
PWM1MIX_VOL4
+
PWM1MIX_VOL1
PWM1MIX_SRC1
PWM1MIX_SRC3
PWM1MIX_SRC4
PWM1MIX_SRC2
GPIO
(GPn = 08h)
PWM1
PWM1_ENA
PWM1_OVD
PWM1_LVL
PWM2MIX_VOL2
PWM2MIX_VOL3
PWM2MIX_VOL4
+
PWM2MIX_VOL1
PWM2MIX_SRC1
PWM2MIX_SRC3
PWM2MIX_SRC4
PWM2MIX_SRC2
GPIO
(GPn = 09h)
PWM2
PWM2_ENA
PWM2_OVD
PWM2_LVL
PWM_RATE
PWM_CLK_SEL
When PWMn_OVD = 0, the PWM duty cycle is controlled by the respective digital audio mixer.
When PWMn_OVD = 1, the PWM duty cycle is set by PWMn_LVL.
The PWM sample rate and clocking frequency are selected using PWM_RATE and PWM_CLK_SEL.
Figure 32 Digital Core Pulse Width Modulation (PWM) Generator
The PWM1 and PWM2 mixer control registers (see Figure 32) are located at register addresses
R1600 (640h) through to R1615 (64Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R2920). Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective mixers. Note that the selected input
source(s) must be configured for the same sample rate as the mixer to which they are connected.
Sample rate conversion functions are available to support flexible interconnectivity - see
“Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter (ISRC)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com