Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 307 page
background image
WM8998
Production Data
w
PD, October 2014, Rev 4.0
80
TONE GENERATOR
The WM8998 incorporates two 1kHz tone generators which can be used for ‘beep’ functions through
any of the audio signal paths. The phase relationship between the two generators is configurable,
providing flexibility in creating differential signals, or for test scenarios.
Tone Generator 1 (04h)
Tone Generator 2 (05h)
1kHz
Tone Generator
TONE1_ENA
TONE2_ENA
TONE_OFFSET
TONE_RATE
TONE1_OVD
TONE1_LVL
TONE2_OVD
TONE2_LVL
Figure 30 Digital Core Tone Generator
The tone generators can be selected as input to any of the digital mixers or signal processing
functions within the WM8998 digital core. The bracketed numbers in Figure 30, eg. “(04h)” indicate
the corresponding *_SRCn register setting for selection of that signal as an input to another digital
core function.
The sample rate for the tone generators is configured using the TONE_RATE register - see Table 19.
Note that sample rate conversion is required when routing the tone generator output(s) to any signal
chain that is asynchronous and/or configured for a different sample rate.
The tone generators are enabled using the TONE1_ENA and TONE2_ENA register bits as described
in Table 16. The phase relationship is configured using TONE_OFFSET.
The tone generators can also provide a configurable DC signal level, for use as a test signal. The DC
output is selected using the TONEn_OVD register bits, and the DC signal amplitude is configured
using the TONEn_LVL registers, as described in Table 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com