Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 97 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 97 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 101Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
97
ISOCHRONOUS SAMPLE RATE CONVERTER (ISRC)
The WM8998 supports multiple signal paths through the digital core. The Isochronous Sample Rate
Converters (ISRCs) provide sample rate conversion between synchronised sample rates on the
SYSCLK clock domain, or between synchronised sample rates on the ASYNCCLK clock domain.
There are two Isochronous Sample Rate Converters (ISRCs). ISRC1 provides four signal paths
between two different sample rates; ISRC2 provides two signal paths between two different sample
rates, as illustrated in Figure 36.
The sample rates associated with each ISRC can be set independently. Note that the two sample
rates associated with any single ISRC must both be referenced to the same clock domain (SYSCLK
or ASYNCCLK).
When an ISRC is used on the SYSCLK domain, then the associated sample rates may be selected
from SAMPLE_RATE_1, SAMPLE_RATE_2 or SAMPLE_RATE_3.
When an ISRC is used on the ASYNCCLK domain, then the associated sample rates are
ASYNC_SAMPLE_RATE_1 and ASYNC_SAMPLE_RATE_2.
See “Clocking and Sample Rates” for details of the sample rate control registers.
Each ISRC supports sample rates in the range 8kHz to 192kHz. The higher of the sample rates
associated with each ISRC must be an integer multiple of the lower sample rate; integer ratios in the
range 1 to 6 are supported on ISRC1; integer ratios in the range 1 to 24 are supported on ISRC2.
Each ISRC converts between a sample rate selected by ISRCn_FSL and a sample rate selected by
ISRCn_FSH, (where ‘n’ identifies the applicable ISRC 1 or 2). Note that, in each case, the higher of
the two sample rates must be selected by ISRCn_FSH.
The ISRCn ‘interpolation’ paths (increasing sample rate) are enabled using the ISRCn_INTm_ENA
register bits, (where ‘m’ identifies the applicable channel).
The ISRCn ‘decimation’ paths (decreasing sample rate) are enabled using the ISRCn_DECm_ENA
register bits.
A notch filter is provided in each of the ISRC paths; these are enabled using the
ISRCn_NOTCH_ENA bits. The filter is configured automatically according to the applicable sample
rate(s). It is recommended to enable the filter for typical applications. Disabling the filter will provide
maximum ‘pass’ bandwidth, at the expense of degraded stopband attenuation.
The WM8998 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the commanded ISRC and digital mixing functions. If an attempt is made to enable an ISRC
signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R2920 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.
The Isochronous Sample Rate Converter (ISRC) signal paths and control registers are illustrated in
Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com