Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 84 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 84 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 88Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 307 page
background image
WM8998
Production Data
w
PD, October 2014, Rev 4.0
84
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R147
(0093h)
Haptics
Control
phase 1
duration
8:0
PHASE1_DURAT
ION [8:0]
000h
Haptic Output Duration (Phase 1)
Selects the duration of Phase 1 in one-
shot mode.
000h = 0ms
001h = 0.625ms
002h = 1.25ms
… (0.625ms steps)
1FFh = 319.375ms
R148
(0094h)
Haptics
phase 2
intensity
7:0
PHASE2_INTEN
SITY [7:0]
00h
Haptic Output Level (Phase 2)
Selects the signal intensity in Continuous
mode or Phase 2 of one-shot mode.
Coded as 2’s complement.
Range is +/- Full Scale (FS).
For ERM actuator, this selects the DC
signal level for the haptic output.
For LRA actuator, this selects the AC peak
amplitude; Negative values correspond to
a 180 degree phase shift.
R149
(0095h)
Haptics
phase 2
duration
10:0
PHASE2_DURAT
ION [10:0]
000h
Haptic Output Duration (Phase 2)
Selects the duration of Phase 2 in one-
shot mode.
000h = 0ms
001h = 0.625ms
002h = 1.25ms
… (0.625ms steps)
7FFh = 1279.375ms
R150
(0096h)
Haptics
phase 3
intensity
7:0
PHASE3_INTEN
SITY [7:0]
00h
Haptic Output Level (Phase 3)
Selects the signal intensity of Phase 3 in
one-shot mode.
Coded as 2’s complement.
Range is +/- Full Scale (FS).
For ERM actuator, this selects the DC
signal level for the haptic output.
For LRA actuator, this selects the AC peak
amplitude; Negative values correspond to
a 180 degree phase shift.
R151
(0097h)
Haptics
phase 3
duration
8:0
PHASE3_DURAT
ION [8:0]
000h
Haptic Output Duration (Phase 3)
Selects the duration of Phase 3 in one-
shot mode.
000h = 0ms
001h = 0.625ms
002h = 1.25ms
… (0.625ms steps)
1FFh = 319.375ms
R152
(0098h)
Haptics
Status
0
ONESHOT_STS
0
Haptic One-Shot status
0 = One-Shot event not in progress
1 = One-Shot event in progress
Table 17 Haptic Signal Generator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com