Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
53
DIGITAL CORE
The WM8998 digital core provides extensive mixing and processing capabilities for multiple signal
paths. The configuration is highly flexible, and virtually every conceivable input/output connection can
be supported between the available processing blocks.
The digital core provides parametric equalisation (EQ) functions, dynamic range control (DRC), and
low-pass / high-pass filters (LHPF).
The WM8998 supports multiple signal paths through the digital core. Stereo full-duplex sample rate
conversion is provided to allow digital audio to be routed between input (ADC) paths, output (DAC)
paths, Digital Audio Interfaces (AIF1, AIF2 and AIF3) and SLIMbus paths operating at different
sample rates and/or referenced to asynchronous clock domains.
The digital core incorporates a S/PDIF transmitter, which can provide a stereo S/PDIF output on a
GPIO pin. Standard S/PDIF sample rates of 32kHz up to 192kHz can be supported.
The WM8998 incorporates two 1kHz tone generators which can be used for ‘beep’ functions through
any of the audio signal paths.
A haptic signal generator is provided, for use with external haptic devices (eg. mechanical vibration
actuators). Two Pulse Width Modulation (PWM) signal generators are also provided; the PWM
waveforms can be modulated by an audio source within the digital core, and can be output on a GPIO
pin.
An overview of the digital core processing and mixing functions is provided in Figure 19. An overview
of the external digital interface paths is provided in Figure 20.
The control registers associated with the digital core signal paths are shown in Figure 21 through to
Figure 36. The full list of digital mixer control registers is provided in the “Register Map” section
(Register R1600 through to R2920). Generic register definitions are provided in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com