Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
47
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R788
(0314h)
IN1R
Control
15
IN1R_HPF
0
Input Path 1 (Right) HPF Enable
0 = Disabled
1 = Enabled
7:1
IN1R_PGA_VOL
[6:0]
40h
Input Path 1 (Right) PGA Volume
(Applicable to analogue inputs only)
00h to 3Fh = Reserved
40h = 0dB
41h = 1dB
42h = 2dB
… (1dB steps)
5F = 31dB
60h to 7Fh = Reserved
R789
(0315h)
ADC
Digital
Volume
1R
14:13 IN1R_SRC [1:0]
00
Input Path 1 (Right) Source
00 = Differential (IN1ARP - IN1ARN)
01 = Single-ended (IN1ARP)
10 = Differential (IN1BRP-IN1BRN)
11 = Single-ended (IN1BRP)
R790
(0316h)
DMIC1R
Control
5:0
IN1R_DMIC_DLY
[5:0]
00h
Input Path 1 (Right) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN1_OSR.)
R792
(0318h)
IN2L
Control
15
IN2_HPF
0
Input Path 2 HPF Enable
0 = Disabled
1 = Enabled
14:13 IN2_OSR [1:0]
01
Input Path 2 DMIC Oversample Rate
When analogue input is selected
(IN1_MODE=0), this bit controls the
performance mode
00 = Low Power mode
01 = High Performance mode
1X = Reserved
When digital microphone input is selected
(IN2_MODE=1), this field controls the
sample rate as below:
00 = 1.536MHz
01 = 3.072MHz
10 = Reserved
11 = 768kHz
When IN2_OSR=11, the Input Path
sample rate (for all input paths) must be in
the range 8kHz to 16kHz.
12:11 IN2_DMIC_SUP
[1:0]
00
Input Path 2 DMIC Reference Select
(Sets the DMICDAT2 and DMICCLK2
logic levels)
00 = MICVDD
01 = MICBIAS1
10 = MICBIAS2
11 = MICBIAS3
10
IN2_MODE
0
Input Path 2 Mode
0 = Analogue input
1 = Digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com