Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
31
DIGITAL SPEAKER (PDM) INTERFACE TIMING
SPKCLK
(output)
SPKDAT
(output)
tCY
tLH
tRH
tLSU
tRSU
(left data)
(right data)
VOH
VOL
VOL
tr
tf
VOH
Figure 3 Digital Speaker (PDM) Interface Timing - Mode A
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
PDM Audio Interface Timing
SPKCLKn cycle time
tCY
160
163
358
ns
SPKCLKn duty cycle
45
55
%
SPKCLKn rise/fall time (25pF load)
tr, tf
5
30
ns
SPKDATn set-up time to SPKCLKn rising edge (Left channel)
tLSU
30
ns
SPKDATn hold time from SPKCLKn rising edge (Left channel)
tLH
30
ns
SPKDATn set-up time to SPKCLKn falling edge (Right channel)
tRSU
30
ns
SPKDATn hold time from SPKCLKn falling edge (Right channel)
tRH
30
ns
(right data)
(left data)
VOL
tf
SPKCLK
(output)
SPKDAT
(output)
tLDIS
tRDIS
tLEN
tCY
tREN
VOL
tr
VOH
VOH
Figure 4 Digital Speaker (PDM) Interface Timing - Mode B
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
PDM Audio Interface Timing
SPKCLKn cycle time
tCY
160
163
358
ns
SPKCLKn duty cycle
45
55
%
SPKCLKn rise/fall time (25pF load)
tr, tf
5
30
ns
SPKDATn enable from SPKCLK rising edge (Right channel)
tREN
15
ns
SPKDATn disable to SPKCLK falling edge (Right channel)
tRDIS
5
ns
SPKDATn enable from SPKCLK falling edge (Left channel)
tLEN
15
ns
SPKDATn disable to SPKCLK rising edge (Left channel)
tLDIS
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com