Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
37
DEVICE DESCRIPTION
INTRODUCTION
The WM8998 is a highly integrated low-power audio hub CODEC for mobile telephony and portable
devices. It provides flexible, high-performance audio interfacing for handheld devices in a small and
cost-effective package. It is optimised for the needs of tablet devices and multimedia phones using
SLIMbus application processors.
The WM8998 digital core provides configurable capability for signal processing algorithms, including
parametric equalisation (EQ) and dynamic range control (DRC). Highly flexible digital mixing,
including stereo full-duplex asynchronous sample rate conversion, provides use-case flexibility across
a broad range of system architectures. A signal generator for controlling haptics vibe actuators is
included.
The WM8998 provides multiple digital audio interfaces, including SLIMbus, in order to provide
independent and fully asynchronous connections to different processors (eg. application processor,
baseband processor and wireless transceiver).
A flexible clocking arrangement supports a wide variety of external clock references, including
clocking derived from the digital audio interface. Two integrated Frequency Locked Loop (FLL) circuits
provide additional flexibility.
Unused circuitry can be disabled under software control, in order to save power; low leakage currents
enable extended standby/off time in portable battery-powered applications. Configurable ‘Wake-Up’
actions can be associated with the low-power standby (Sleep) mode.
Versatile GPIO functionality is provided, and support for external accessory / push-button detection
inputs. Comprehensive Interrupt (IRQ) logic and status readback are also provided.
HI-FI AUDIO CODEC
The WM8998 is a high-performance low-power audio CODEC which uses a simple analogue
architecture. Input path multiplexers select from up to 6 analogue mic/line and 3 digital microphone
inputs; combinations of up to 3 inputs can be supported. 7 DACs are incorporated, providing a
dedicated DAC for each output channel.
The analogue outputs comprise a 28mW (122dB SNR) stereo headphone amplifier with ground-
referenced output, a flexible (single-ended or differential) line output, a 100mW differential (BTL)
earpiece driver, and a Class D stereo speaker driver capable of delivering 2W per channel into a 4Ω
load. Six analogue inputs are provided, each supporting single-ended or differential input modes. In
differential mode, the input path SNR is 96dB. Up to 3 analogue or digital input paths can be
supported at one time.
The audio CODEC is controlled directly via register access. The simple analogue architecture,
combined with the integrated tone generator, enables simple device configuration and testing,
minimising debug time and reducing software effort.
The WM8998 output drivers are designed to support as many different system architectures as
possible. Each output has a dedicated DAC which allows mixing, equalisation, filtering, gain and other
audio processing to be configured independently for each channel. This allows each signal path to be
individually tailored for the load characteristics. All outputs have integrated pop and click suppression
features.
The headphone, line and earpiece output drivers are ground-referenced, powered from an integrated
charge pump, enabling high quality, power efficient headphone playback without any requirement for
DC blocking capacitors. Ground loop feedback is incorporated, providing rejection of noise on the
ground connections.
The Class D speaker drivers deliver excellent power efficiency. High PSRR, low leakage and
optimised supply voltage ranges enable powering from switching regulators or directly from the
battery. Battery current consumption is minimised across a wide variety of voice communication and
multimedia playback use cases.
The WM8998 is cost-optimised for a wide range of mobile phone applications, and features two
channels of Class D power amplification. For applications requiring more than two channels of power
amplification (or when using the integrated Class D path to drive a haptics actuator), the PDM output
channels can be used to drive two external PDM-input speaker drivers. In applications where stereo
loudspeakers are physically widely separated, the PDM outputs can ease layout and EMC by avoiding
the need to run the Class-D speaker outputs over long distances and interconnects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com