Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
27
TYPICAL SIGNAL LATENCY
OPERATING MODE
TEST CONDITIONS
LATENCY
INPUT
OUTPUT
DIGITAL CORE
AIF to DAC Stereo Path
Digital input (AIFn) to analogue
output (HPOUT).
Signal is routed via the digital
core ASRC function in the
asynchronous test cases only.
fs = 48kHz
fs = 48kHz
Synchronous
378µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
410µs
fs = 16kHz
fs = 16kHz
Synchronous
592µs
fs = 8kHz
fs = 8kHz
Synchronous
1148µs
fs = 8kHz
fs = 44.1kHz
Asynchronous
1730µs
fs = 16kHz
fs = 44.1kHz
Asynchronous
1096µs
ADC to AIF Stereo Path
Analogue input (INn) to digital
output (AIFn).
Input path High Pass Filter
(HPF) enabled.
Signal is routed via the digital
core ASRC function in the
asynchronous test cases only.
fs = 48kHz
fs = 48kHz
Synchronous
170µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
199µs
fs = 16kHz
fs = 16kHz
Synchronous
557µs
fs = 8kHz
fs = 8kHz
Synchronous
1087µs
fs = 44.1kHz
fs = 8kHz
Asynchronous
1181µs
fs = 44.1kHz
fs = 16kHz
Asynchronous
644µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com