Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 307 page
background image
WM8998
Production Data
w
PD, October 2014, Rev 4.0
36
SLIMBUS INTERFACE TIMING
SLIMDAT
TDV
TCLKIL
TCKLIH
VIH
VIL
TSETUP
TH
VIH
VIL
SLIMCLK
VIL, VIH are the 35%/65% levels of the respective inputs.
The SLIMDAT output delay (TDV) is with respect to the input pads of all receiving devices.
Figure 9 SLIMbus Interface Timing
The signal timing information shown in Figure 9 describe the timing requirements of the SLIMbus
interface as a whole, not just the WM8998 device. Accordingly, the following should be noted:
•
TDV is the propagation delay from the rising SLIMCLK edge (at WM8998 input) to the
SLIMDAT output being achieved at the input to all devices across the bus.
•
TSETUP is the set-up time for SLIMDAT input (at WM8998), relative to the falling SLIMCLK
edge (at WM8998).
•
TH is the hold time for SLIMDAT input (at WM8998) relative to the falling SLIMCLK edge (at
WM8998).
For more details of the interface timing, refer to the MIPI Alliance Specification for Serial Low-power
Inter-chip Media Bus (SLIMbus).
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SLIMCLK Input
SLIMCLK cycle time
35
ns
SLIMCLK pulse width high
TCLKIH
13
ns
SLIMCLK pulse width low
TCLKIL
13
ns
SLIMDAT Input
SLIMDAT setup time to SLIMCLK falling edge
TSETUP
3.5
ns
SLIMDAT hold time from SLIMCLK falling edge
TH
2
ns
SLIMDAT Output
SLIMDAT time for data
output valid (wrt SLIMCLK
rising edge)
CLOAD = 15pF,
VDBVDD1 = 1.62V
TDV
6.7
8.6
ns
CLOAD = 35pF,
VDBVDD1 = 1.62V
9.8
12.5
SLIMDAT slew rate
(20% to 80%)
CLOAD = 15pF
SRDATA
0.54 x
VDBVDD1
V/ns
CLOAD = 35pF
0.34 x
VDBVDD1
Other Parameters
Driver disable time
TDD
6
ns
Bus holder output impedance
0.1 x VDBVDD1 < V <
0.9 x VDBVDD1
RDATAS
18
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com