Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 307 page
background image
WM8998
Production Data
w
PD, October 2014, Rev 4.0
82
HAPTIC SIGNAL GENERATOR
The WM8998 incorporates a signal generator for use with haptic devices (eg. mechanical vibration
actuators). The haptic signal generator is compatible with both Eccentric Rotating Mass (ERM) and
Linear Resonant Actuator (LRA) haptic devices.
The haptic signal generator is highly configurable, and includes the capability to execute a
programmable event profile comprising three distinct operating phases.
The resonant frequency of the haptic signal output (for LRA devices) is selectable, providing support
for many different actuator components.
The haptic signal generator is a digital signal generator which is incorporated within the digital core of
the WM8998. The haptic signal may be routed, via one of the digital core output mixers, to a Class D
speaker output for connection to the external haptic device, as illustrated in Figure 31. (Note that the
digital PDM output paths may also be used for haptic signal output.)
Haptic Output (06h)
Haptic Signal
Generator
HAP_ACT
HAP_CTRL
ONESHOT_TRIG
LRA_FREQ
HAP_RATE
+
Digital Core Output Mixer
DAC
Output Volume
Class D Speaker Driver
DAC
OUTnxMIX_SRCn
OUTnxMIX_VOLn
Haptic Device
Figure 31 Digital Core Haptic Signal Generator
The bracketed number (06h) in Figure 31 indicates the corresponding *_SRCn register setting for
selection of the haptic signal generator as an input to another digital core function.
The haptic signal generator is selected as input to one of the digital core output mixers by setting the
*_SRCn register of the applicable output mixer to (06h).
The sample rate for the haptic signal generator is configured using the HAP_RATE register - see
Table 19. Note that sample rate conversion is required when routing the haptic signal generator
output to any signal chain that is asynchronous and/or configured for a different sample rate.
The haptic signal generator is configured for an ERM or LRA actuator using the HAP_ACT register bit.
The required resonant frequency is configured using the LRA_FREQ field. (Note that the resonant
frequency is only applicable to LRA actuators.)
The signal generator can be enabled in Continuous mode or configured for One-Shot mode using the
HAP_CTRL register, as described in Table 17. In One-Shot mode, the output is triggered by writing to
the ONESHOT_TRIG bit.
In One-Shot mode, the signal generator profile comprises the distinct phases (1, 2, 3). The duration
and intensity of each output phase is programmable.
In Continuous mode, the signal intensity is controlled using the PHASE2_INTENSITY field only.
In the case of an ERM actuator (HAP_ACT = 0), the haptic output is a DC signal level, which may be
positive or negative, as selected by the *_INTENSITY registers.
For an LRA actuator (HAP_ACT = 1), the haptic output is an AC signal; selecting a negative signal
level corresponds to a 180 degree phase inversion. In some applications, phase inversion may be
desirable during the final phase, to halt the physical motion of the haptic device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com