Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 307 page
background image
WM8998
Production Data
w
PD, October 2014, Rev 4.0
16
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = LDOVDD = CPVDD = AVDD = 1.8V,
DCVDD = 1.2V (powered from LDO1), MICVDD = 3.0V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, Input PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Paths (IN1AL, IN1AR, IN1BL, IN1BR, IN2A, IN2B) to ADC (Differential Input Mode, INn_SRC = x0)
Signal to Noise Ratio
(A-weighted)
SNR
High performance mode
(INn_OSR = 1)
87
96
dB
Normal mode
(INn_OSR = 0)
93
Total Harmonic Distortion
THD
-1dBV input
-90
dB
Total Harmonic Distortion Plus
Noise
THD+N
-1dBV input
-88
-79
dB
Channel separation (Left/Right)
100
dB
Input noise floor
A-weighted,
PGA gain = +18dB
3.2
µVRMS
Common mode rejection ratio
CMRR
PGA gain = +30dB
65
dB
PGA gain = 0dB
70
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
70
dB
100mV(peak-peak) 10kHz
65
PSRR (SPKVDDL, SPKVDDR)
PSRR
100mV (peak-peak) 217Hz
95
dB
100mV(peak-peak) 10kHz
95
Analogue Input Paths (IN1AL, IN1AR, IN1BL, IN1BR, IN2A, IN2B) to ADC (Single-Ended Input Mode, INn_SRC = x1)
PGA Gain = +6dB unless otherwise stated.
Signal to Noise Ratio
(A-weighted)
SNR
High performance mode
(INn_OSR = 1)
86
94
dB
Normal mode
(INn_OSR = 0)
92
Total Harmonic Distortion
THD
-7dBV input
-82
dB
Total Harmonic Distortion Plus
Noise
THD+N
-7dBV input
-81
-71
dB
Channel separation (Left/Right)
100
dB
Input noise floor
A-weighted,
PGA gain = +18dB
4.6
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
70
dB
100mV(peak-peak) 10kHz
50
PSRR (SPKVDDL, SPKVDDR)
PSRR
100mV (peak-peak) 217Hz
85
dB
100mV(peak-peak) 10kHz
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com