Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
45
INPUT SIGNAL PATH SAMPLE RATE CONTROL
The input signal paths may be selected as input to the digital mixers or signal processing functions
within the WM8998 digital core. The sample rate for the input signal paths is configured using the
IN_RATE register - see Table 19 within the “Digital Core” section.
Note that sample rate conversion is required when routing the input signal paths to any signal chain
that is asynchronous and/or configured for a different sample rate.
INPUT SIGNAL PATH CONFIGURATION
The WM8998 supports six input channels. Selectable combinations of analogue (mic or line) and
digital inputs are multiplexed into three input signal paths.
The input signal path configuration is selected using the INn_MODE and INnx_SRC registers (where
‘n’ identifies the associated input, and ‘x’ identifies the left/right channel, where applicable). The
external circuit configurations are illustrated on the previous pages.
A configurable high pass filter (HPF) is provided on the left and right channels of each input path. The
applicable cut-off frequency is selected using the IN_HPF_CUT register. The filter can be enabled on
each path independently using the IN1L_HPF, IN1R_HPF and IN2_HPF bits.
The analogue input signal paths (single-ended or differential) each incorporate a PGA to provide gain
in the range 0dB to +31dB in 1dB steps. Note that these PGAs do not provide pop suppression
functions; it is recommended that the gain should not be adjusted whilst the respective signal path is
enabled.
The analogue input PGA gain is controlled using the IN1L_PGA_VOL, IN1R_PGA_VOL and
IN2_PGA_VOL registers.
When the input signal path is configured for digital microphone input, the voltage reference for the
associated input/output pins is selectable using the INn_DMIC_SUP registers - each interface may be
referenced to MICVDD, or to the MICBIAS1, MICBIAS2 or MICBIAS3 levels.
When the input signal path is configured for digital microphone input, the respective DMICCLKn
frequency can be configured using the INn_OSR register bits.
A digital delay may be applied to any of the digital microphone input channels. This feature can be
used for phase adjustment of any digital input, including directional control of multiple microphones.
The delay is controlled using the IN1L_DMIC_DLY, IN1R_DMIC_DLY and IN2_DMIC_DLY registers.
The MICVDD voltage is generated by an internal Charge Pump and LDO Regulator. The MICBIAS1,
MICBIAS2 and MICBIAS3 outputs are derived from MICVDD - see “Charge Pumps, Regulators and
Voltage Reference”.
Under default register conditions, the input signal paths are configured for highest performance. This
can be adjusted using the INn_OSR registers, which provide control of the DMICCLKn frequency and
the ADC oversample rate.
The input signal paths are configured using the register bits described in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com