Electronic Components Datasheet Search
  English  ▼

X  

WM8998 Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8998
Description  High Performance Audio Hub CODEC
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8998 Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8998 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8998 Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 307 page
background image
Production Data
WM8998
w
PD, October 2014, Rev 4.0
71
DRC Register Controls
The DRC control registers are described in Table 13.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3585
(0E01h)
FX_Ctrl2
15:4
FX_STS [11:0]
000h
LHPF, DRC, EQ Enable Status
Indicates the status of each of the
respective signal processing
functions.
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = Reserved
[6] = Reserved
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
Each bit is coded as:
0 = Disabled
1 = Enabled
R3712
(0E80h)
DRC1 ctrl1
15:11
DRC1_SIG_DET
_RMS [4:0]
00h
DRC1 Signal Detect RMS
Threshold.
This is the RMS signal level for
signal detect to be indicated when
DRC1_SIG_DET_MODE=1.
00h = -30dB
01h = -31.5dB
…. (1.5dB steps)
1Eh = -75dB
1Fh = -76.5dB
10:9
DRC1_SIG_DET
_PK [1:0]
00
DRC1 Signal Detect Peak
Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
DRC1_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
8
DRC1_NG_ENA
0
DRC1 Noise Gate Enable
0 = Disabled
1 = Enabled
7
DRC1_SIG_DET
_MODE
0
DRC1 Signal Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
DRC1_SIG_DET
0
DRC1 Signal Detect Enable
0 = Disabled
1 = Enabled
5
DRC1_KNEE2_
OP_ENA
0
DRC1 KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
DRC1_QR
1
DRC1 Quick-release Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com