Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 25Page - National Semiconductor (TI) DP83953 Datasheet HTML 26Page - National Semiconductor (TI) DP83953 Datasheet HTML 27Page - National Semiconductor (TI) DP83953 Datasheet HTML 28Page - National Semiconductor (TI) DP83953 Datasheet HTML 29Page - National Semiconductor (TI) DP83953 Datasheet HTML 30Page - National Semiconductor (TI) DP83953 Datasheet HTML 31Page - National Semiconductor (TI) DP83953 Datasheet HTML 32Page - National Semiconductor (TI) DP83953 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
4.0 Functional Description (Continued)
29
www.national.com
Table 1. Pin Definitions for Options in the Mode Load Operation
Pin
Name
Program-
ming
Function
Effect when
Bit is 0
Effect when
Bit is 1
Function
D0
SCRTY
Security
Mode
Non-Security
Mode
This bit configures RIC2A security feature options.
When D0 =0 LME, SME, ESA, EDA bits in the Port
Security Configuration Register (PSCR) are set globally.
When D0=1 security can still be done, but now the user
needs to set the above bits in the PSCR register.
D1
TW2
5 bits
3 bits
This allows the user to select one of two values for the
repeater specification TW2 time. The lower limit (3 bits)
meets the IEEE specification. The upper limit (5 bits) is not
specification compliant but may provide users with higher
network throughput by avoiding spurious network activity
gaps when using coaxial (10BASE2, 10BASE5) network
segments.
D2
CCLIM
63
31
The partition specification requires a port to be partitioned
after a certain number of consecutive collisions. The
RIC2A has two values available to allow users to customize
the partitioning algorithm to their environment. Please refer
to the Partition State Machine, in data sheet section 7.3.
D3
LPPART
Selected
Not Selected
The RIC2A may be configured to partition a port if the
segment transceiver does not loopback data to the port
when the port is transmitting to it, as described in the
Partition State Machine.
D4
OWCE
Selected
Not Selected
This configuration bit allows the on-chip partition algorithm
to include out of window collisions into the collisions it
monitors, as described in the Partition State Machine.
D5
TXONLY
Selected
Not Selected
This configuration bit allows the on-chip partition algorithm
to restrict segment reconnection, as described in the
Partition State Machine.
D6
DPART
Selected
Not Selected
The Partition state machines for all ports may be disabled
by writing a logic zero to this bit during the mode load
operation.
D7
MIN/MAX
Minimum Mode Maximum Mode The operation of the display update block is controlled by
the value of this configuration bit, as described in the
Display Update Cycles section.
RA0
TP
X
X
All ports (2 to 13) use the internal 10BASE-T transceivers.
(Internally configured)
RA1
TP
X
X
RA2
BINV
Active High
Signals
Active Low Sig-
nals
This selection determines whether the Inter-RIC signals:
IRE, ACTN, ANYXN, COLN and Management bus signal
MCRS are active high or low.
RA3
EXPLL
External PLL
Internal PLL
If desired, the RIC2A may be used with an external
decoder, this configuration bit performs the selection.
RA4
resv
Not Permitted
Required
To ensure correct device operation, this bit must be written
with a logic one during the mode load operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com