Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 74Page - National Semiconductor (TI) DP83953 Datasheet HTML 75Page - National Semiconductor (TI) DP83953 Datasheet HTML 76Page - National Semiconductor (TI) DP83953 Datasheet HTML 77Page - National Semiconductor (TI) DP83953 Datasheet HTML 78Page - National Semiconductor (TI) DP83953 Datasheet HTML 79Page - National Semiconductor (TI) DP83953 Datasheet HTML 80Page - National Semiconductor (TI) DP83953 Datasheet HTML 81Page - National Semiconductor (TI) DP83953 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
78
www.national.com
9.0 DC and AC Specification (Continued)
AC Specifications
Port Arbitration Timing
Note 1:
Timing valid with no receive or collision activities.
Note 2:
In these diagrams the Inter-RIC and Management Busses are shown using active high signals. Active low signals may also be used. See section
5.5 Mode Load Operation?
Receive Timing AUI Port
Receive activity propagation start up and end delays for AUI port
Note: ACKI assumed high
Number
Symbol
Parameter
Min
Max
Units
T1
T2
ackilackol
ackihackoh
ACKI low to ACKO low
ACKI high to ACKO high
24
21
ns
ns
Number
Symbol
Parameter
Min
Max
Units
T3a
T4a
rxaackol
rxiackoh
RX active to ACKO low
RX inactive to ACKO high
66
325
ns
ns
T5a
T6a
rxaactna
rxiactni
RX active to ACTNd active
RX inactive to ACTNd inactive
105
325
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com