Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 62Page - National Semiconductor (TI) DP83953 Datasheet HTML 63Page - National Semiconductor (TI) DP83953 Datasheet HTML 64Page - National Semiconductor (TI) DP83953 Datasheet HTML 65Page - National Semiconductor (TI) DP83953 Datasheet HTML 66Page - National Semiconductor (TI) DP83953 Datasheet HTML 67Page - National Semiconductor (TI) DP83953 Datasheet HTML 68Page - National Semiconductor (TI) DP83953 Datasheet HTML 69Page - National Semiconductor (TI) DP83953 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
66
www.national.com
7.0 RIC2A Registers (Continued)
Lower Event Information Register (Lower EIR) (Page 1H Address 1FH)
Port Event Count Register (Pages 2H and 3H)
The Event Count Register (ECR) shows the instantaneous value of the specified port's 16 bit counter. The counter incre-
ments when an enabled event occurs. The counter may be cleared when it is read, and prevented from rolling over when
the maximum count is reached, by setting the appropriate control bits in the Upper Event Count mask register. Since the
RIC2A's processor port is octal and the counters are 16 bits long, a temporary holding register is employed for register
reads. When one of the counters is read, either high or low byte first, all 16 bits of the counter are transferred to a holding
register. Provided the next read cycle to the counter array accesses the same counter's other byte, then the read cycle
accesses the holding register. This avoids the problem of events occurring in between the two processor reads and indi-
cating a false count value. In order to enter a new value to the holding register a different counter must be accessed, or
the same counter byte must be re-read.
D7
D6
D5
D4
D3
D2
D1
D0
DLU
resv
resv
ER13
ER12
ER11
ER10
ER9
Bit
R/W
Symbol
Description
D0
R
ER9
0: Flag found not generated by event on port 9
1: Flag found generated by event on port 9
D1
R
ER10
0: Flag found not generated by event on port 10
1: Flag found generated by event on port 10
D2
R
ER11
0: Flag found not generated by event on port 11
1: Flag found generated by event on port 11
D3
R
ER12
0: Flag found not generated by event on port 12
1: Flag found generated by event on port 12
D4
R
ER13
0: Flag found not generated by event on port 13
1: Flag found generated by event on port 13
D5
R
resv
Reserved for Future Use
reads as a logic 0
D6
R
resv
Reserved for Future Use
reads as a logic 0
D7
R/W
DLU
Disable the LED Updates: This bit disables the LED display updates for a
faster processor register access
0: Re-enable the LED update cycle.(Note)
1: Disable the LED update cycles
Note: The LED update cycle will be re-enabled only when the network and the RIC2A internal state ma-
chines are idle
Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0
EC7
EC6
EC5
EC4
EC3
EC2
EC1
EC0
Upper Byte
D7
D6
D5
D4
D3
D2
D1
D0
EC15
EC14
EC13
EC12
EC11
EC10
EC9
EC8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com