Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83953 Datasheet HTML 1Page - National Semiconductor (TI) DP83953 Datasheet HTML 2Page - National Semiconductor (TI) DP83953 Datasheet HTML 3Page - National Semiconductor (TI) DP83953 Datasheet HTML 4Page - National Semiconductor (TI) DP83953 Datasheet HTML 5Page - National Semiconductor (TI) DP83953 Datasheet HTML 6Page - National Semiconductor (TI) DP83953 Datasheet HTML 7Page - National Semiconductor (TI) DP83953 Datasheet HTML 8Page - National Semiconductor (TI) DP83953 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
5
www.national.com
2.0 Pin Descriptions
TP = Twisted Pair interface compatible, TT = TTL compatible, I = Input, O = Output, Analog = current dependent effect,
AL = AUI Level, AD = AUI Drive
Pin Name
Pin No.
Driver
Type
I/O
Description
Network Interface Pins
RXI2- to RXI13-
TP
I
Twisted Pair Receive Input Negative
RXI2+ to RXI13+
TP
I
Twisted Pair Receive Input Positive
TXO2- to TXO13-
TP
O
Twisted Pair Transmit Output Negative
TXO2+ to TXO13+
TP
O
Twisted Pair Transmit Output Positive
FILTTL
153
TT
I
FILter/TTL: This pin can be utilized for the PCB diagnostic pur-
poses.
0: Normal repeater operation
1: Differential transmit signals change to TTL level +TX and de-
layed +TX.
REQ
4
Analog
I
Equalization Resistor: A resistor connected between this pin and
GND or VDD adjusts the equalization step amplitude on the
Manchester encoded transmit data. Care must be taken to ensure
system timing integrity when using cable lengths greater than
100m. The value here is dependent upon board layout.
RTX
5
Analog
I
Extended Cable Resistor: A resistor connected between this pin
and GND or VDD adjusts the amplitude of the differential transmit
outputs. Care must be taken to ensure system timing integrity
when using cable lengths greater than 100m. The value here is
dependent upon board layout.
AUI Port
CD1+
111
AL
I
AUI Collision Detect Input Positive
CD1-
112
AL
I
AUI Collision Detect Input Negative
RX1+
113
AL
I
AUI Receive Input Positive
RX1-
114
AL
I
AUI Receive Input Negative
TX1+
109
AD
O
AUI Transmit Output Positive
TX1-
110
AD
O
AUI Transmit Output Negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com