Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 82Page - National Semiconductor (TI) DP83953 Datasheet HTML 83Page - National Semiconductor (TI) DP83953 Datasheet HTML 84Page - National Semiconductor (TI) DP83953 Datasheet HTML 85Page - National Semiconductor (TI) DP83953 Datasheet HTML 86Page - National Semiconductor (TI) DP83953 Datasheet HTML 87Page - National Semiconductor (TI) DP83953 Datasheet HTML 88Page - National Semiconductor (TI) DP83953 Datasheet HTML 89Page - National Semiconductor (TI) DP83953 Datasheet HTML 90Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
88
www.national.com
9.0 DC and AC Specification (Continued)
REGISTER WRITE TIMING
Note 1:
Assuming zero propagation delay on external buffer.
Note 2:
Minimum high time between read/write cycle is 100 ns.
Number
Symbol
Parameter
Min
Max
Units
T90
T91
wradrh
Write address setup
Write address hold
0
0
ns
ns
T92
T93
wrabufa
wribufi
Write active to BUFEN active
Write inactive to BUFEN inactive
95
355
35
ns
ns
T94
T95
wradatv
wrdath
Write active to Data valid
Write Data hold
0
275
ns
ns
T96
T97
wrardya
wrirdyi
Write active to RDY active
Write inactive to RDY inactive
340
585
30
ns
ns
T98
wrw
Write width
600
ns
T99
wradt
Write active to data TRI-STATE
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com