Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 55Page - National Semiconductor (TI) DP83953 Datasheet HTML 56Page - National Semiconductor (TI) DP83953 Datasheet HTML 57Page - National Semiconductor (TI) DP83953 Datasheet HTML 58Page - National Semiconductor (TI) DP83953 Datasheet HTML 59Page - National Semiconductor (TI) DP83953 Datasheet HTML 60Page - National Semiconductor (TI) DP83953 Datasheet HTML 61Page - National Semiconductor (TI) DP83953 Datasheet HTML 62Page - National Semiconductor (TI) DP83953 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
59
www.national.com
7.0 RIC2A Registers (Continued)
Real Time Interrupt Register (Address 0FH)
The Real Time Interrupt register (RTI) contains information which may change on a packet by packet basis. Any remain-
ing interrupts which have not been serviced before the following packet is transmitted are cleared. Since multiple interrupt
sources may be displayed by the RTI a priority scheme is implemented. A read cycle to the RTI gives the interrupt source
and an address vector indicating the RIC2A port that generated the interrupt.
The order of priority for the display of interrupt information is as follows (in secure mode only):
1. Source Address Mismatch (feature of the RIC2A that is not present in the RIC.)
2. The receive source of network activity (Port N),
3. The first RIC2A port showing collision,
4. A port partitioned or reconnected.
During the repetition of a single packet it is possible that multiple ports may be partitioned or alternatively reconnected.
The ports have equal priority in displaying partition/reconnection information. This data is derived from the ports by the
RTI register as it polls consecutively around the ports.
Reading the RTI clears the particular interrupt for all cases. If no interrupt sources are active, the RTI returns a no valid
interrupt status.
The following table shows the mapping of interrupt sources onto the D3 to D0 pins. Essentially each of the three interrupt
sources has a dedicated bit in this field. If a read to the RTI produces a low logic level on one of these bits then the inter-
rupt source may be directly decoded. Associated with the source of the interrupt is the port where the event is occurring.
If no unmasked events (receive, collision, etc.) have occurred when the RTI is read, then an all ones pattern is driven by
the RIC2A onto the data pins.
D7
D6
D5
D4
D3
D2
D1
D0
IVCTR3
IVCTR2
IVCTR1
IVCTR0
ISRC3
ISRC2
ISRC1
ISRC0
Bit
R/W
Symbol
Access
Description
D(3:0)
R
ISCR(3:0)
Interrupt Source
These four bits indicate the reason why the interrupt was generated.
D(7:4)
R
IVCTR(3:0)
Interrupt Vector
This field defines the port address responsible for generating the interrupt.
D7
D6
D5
D4
D3
D2
D1
D0
Comments
PA3
PA2
PA1
PA0
1
1
1
0
Source Address Mismatch
PA(3:0) = port address for the mismatch
PA3
PA2
PA1
PA0
1
1
0
1
first collision
PA(3:0) = collision port address
PA3
PA2
PA1
PA0
1
0
1
1
receive
PA(3:0) = receive port address
PA3
PA2
PA1
PA0
0
1
1
1
partition reconnection
PA(3:0) = partition port address
1
1
1
1
1
1
1
1
no valid interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com