Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 66Page - National Semiconductor (TI) DP83953 Datasheet HTML 67Page - National Semiconductor (TI) DP83953 Datasheet HTML 68Page - National Semiconductor (TI) DP83953 Datasheet HTML 69Page - National Semiconductor (TI) DP83953 Datasheet HTML 70Page - National Semiconductor (TI) DP83953 Datasheet HTML 71Page - National Semiconductor (TI) DP83953 Datasheet HTML 72Page - National Semiconductor (TI) DP83953 Datasheet HTML 73Page - National Semiconductor (TI) DP83953 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
70
www.national.com
7.0 RIC2A Registers (Continued)
Shared CAM Validation Register 2 (SCVR 2) (Page 9H, Address 17H)
This register indicates the validity of an Ethernet address stored in any one of the shared CAMs. When a “1” is written in
a specific SCVR, upon starting the network security, the CAM contents will be used for address comparison.
Note: Before writing to and changing any bits in this register, read the register first and then only change the desired bits. By doing this, a previous entry will
not be invalidated mistakenly.
D7
D6
D5
D4
D3
D2
D1
D0
ADV16
ADV15
ADV14
ADV13
ADV12
ADV11
ADV10
ADV9
Bit
R/W
Symbol
Description
D0
R/W
ADV9
ADdress Valid 9
0: Address is not valid in CAM 9
1: Address is valid in CAM 9
D1
R/W
ADV10
ADdress Valid 10
0: Address is not valid in CAM 10
1: Address is valid in CAM 10
D2
R/W
ADV11
ADdress Valid 11
0: Address is not valid in CAM 11
1: Address is valid in CAM 11
D3
R/W
ADV12
ADdress Valid 12
0: Address is not valid in CAM 12
1: Address is valid in CAM 12
D4
R/W
ADV13
ADdress Valid 13
0: Address is not valid in CAM 13
1: Address is valid in CAM 13
D5
R/W
ADV14
ADdress Valid 14
0: Address is not valid in CAM 14
1: Address is valid in CAM 14
D6
R/W
ADV15
ADdress Valid 15
0: Address is not valid in CAM 15
1: Address is valid in CAM 15
D7
R/W
ADV16
ADdress Valid 16
0: Address is not valid in CAM 16
1: Address is valid in CAM 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com