Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 10Page - National Semiconductor (TI) DP83953 Datasheet HTML 11Page - National Semiconductor (TI) DP83953 Datasheet HTML 12Page - National Semiconductor (TI) DP83953 Datasheet HTML 13Page - National Semiconductor (TI) DP83953 Datasheet HTML 14Page - National Semiconductor (TI) DP83953 Datasheet HTML 15Page - National Semiconductor (TI) DP83953 Datasheet HTML 16Page - National Semiconductor (TI) DP83953 Datasheet HTML 17Page - National Semiconductor (TI) DP83953 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
4.0 Functional Description (Continued)
14
www.national.com
The notification of collisions occurring across the network
is just as important as data transfers. The Inter-RIC bus
has a set of status lines capable of conveying collision
information between RIC2As in order to ensure that their
main state machines operate in the appropriate manner.
LED Interface and Hub Management Function
Repeater systems usually possess optical displays indicat-
ing network activity and the status of specific repeater
operations. The display update block of the RIC2A can pro-
vide the system designer with a wide variety of indicators.
The updates are completely autonomous and merely
require SSI logic to drive the display devices, usually made
up of light emitting diodes (LEDs). The status display is
very flexible and allows the user to choose appropriate indi-
cators for the specification of his equipment.
The RIC2A was designed for those interested in imple-
menting large repeaters with hub management capabilities.
Hub management uses the unique position of repeaters in
a network to gather statistics about the network segments
they are attached to. Important events are gathered by the
management block from logic blocks throughout the chip.
These events are then stored in on-chip latches, or counted
in on-chip counters according to the developer’s supplied
latching and counting masks.
The fundamental task of a hub management system imple-
mentation is to associate the current packet and any man-
agement status information with the network segment. An
example could be keeping track of packets received on a
repeater’s ports. An ideal system would place the com-
bined data packet and status field in system memory for
future examination by hub management software. The
main function of the RIC2A's hub management support
logic is to provide this function.
To accomplish this task, the RIC2A utilizes a dedicated hub
management interface. This is similar to the Inter-RIC bus
since it allows the data packet to be recovered from the
receiving RIC2A. Unlike the Inter-RIC bus, the intended
recipient is not another RIC2A, but typical National Semi-
conductor's DP83932 ("SONIC™"). This dedicated bus
allows a management status field to be appended at the
end of each packet without affecting the operation of the
entire repeater system.
In addition to the counters provided on the RIC DP83950B,
the RIC2A implements thirteen more (8 bit wide) counters.
These counters will count events specified in the Event
Count and Interrupt Mask Register2 (ECIMR2). These
include items such as Frame Check Sequences, Frame
Alignment Errors, Partitions, and Out of Window Collisions.
This register also includes "Reset On Read" and "Freeze
When Full" control bits.
It should be noted that Counter Decrement (CDEC) will not
be used with the ECMR2. Also, real time or event logging
interrupts (RTI or ELI) will not be generated for this register.
Processor Interface
The RIC2A's processor interface uses an octal bi-direc-
tional data bus in order to interface to a system processor.
The RIC2A has on-chip registers to indicate the status of
the hub management functions, chip configuration, and
port status. These registers are accessed by placing the
respective address at the Register Address (RA4 - RA0)
input pins.
Display update cycles and processor accesses occur utiliz-
ing the same data bus. An on-chip arbiter in the proces-
sor/display block schedules and controls the accesses and
ensures the correct information is written into the display
latches. During the display update cycles the RIC2A
behaves as a master of its data bus. This is the default
state of the data bus. Consequently, a TRI-STATE buffer
must be placed between the RIC2A and the system pro-
cessor's data bus. This ensures that bus contention prob-
lems are avoided during simultaneous display update
cycles and processor accesses of other devices on the
system bus. When the processor accesses a RIC2A regis-
ter, the RIC2A enables the data buffer and selects the
operation, either input or output, of the data pins.
For faster register accesses, the RIC2A provides the added
feature of disabling display update cycles. Setting the Dis-
able LED Update bit, DLU in the Lower Event Information
register (Page 1H, Address 1FH) stops the RIC LED
update cycles. This disables the shared mode of the data
bus, leaving the RIC2A in slave access mode. In this mode,
the maximum read/write cycle time is reduced to approxi-
mately 400 ns.
4.3 Description Of Repeater Operations
In order to implement a multi-chip repeater system that
behaves as a single logical repeater, special considerations
must be taken into account with respect to the data path
used for packet repetition. For example, we must consider
where in the data path specific operations such as
Manchester decoding and elasticity buffering are per-
formed. Additionally, the system state machines, which uti-
lize available network activity signals, must accommodate
various packet repetition and collision scenarios according
to the IEEE repeater specification.
The RIC2A contains two types of interacting state
machines. They are:
1. Port State Machines (PSMs) Every network attachment
has its own PSM.
2. Main State Machine (MSM) This state machine controls
the shared functional blocks as shown in the block dia-
gram Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com