Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 37Page - National Semiconductor (TI) DP83953 Datasheet HTML 38Page - National Semiconductor (TI) DP83953 Datasheet HTML 39Page - National Semiconductor (TI) DP83953 Datasheet HTML 40Page - National Semiconductor (TI) DP83953 Datasheet HTML 41Page - National Semiconductor (TI) DP83953 Datasheet HTML 42Page - National Semiconductor (TI) DP83953 Datasheet HTML 43Page - National Semiconductor (TI) DP83953 Datasheet HTML 44Page - National Semiconductor (TI) DP83953 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
41
www.national.com
5.0 HUB MANAGEMENT SUPPORT (Continued)
Packet Status Register 0
Packet Status Register 1
D7
D6
D5
D4
D3
D2
D1
D0
A5
A4
A3
A2
A1
A0
PCOMPD
resv
Bit
Symbol
Description
D0
resv
Reserved for future use: This bit is currently undefined.
Management software should not examine the state of this bit.
D1
PCOMPD
Packet Compression Done: If packet compression is utilized, this bit informs the user
that compression was performed, i.e., the packet was long enough to require
compression.
D(7:2)
A(5:0)
RIC2A Address (5:0): This address is defined by the user and is supplied when writing
to the RIC2A Address Register. It is used by hub management software to distinguish
between RIC2As in a multi-RIC2A system.
D7
D6
D5
D4
D3
D2
D1
D0
CRCER
FAE
COL
CLN
PA3
PA2
PA1
PA0
Bit
Symbol
Description
D(3:0)
PA(3:0)
Port Address: This field defines the port which is receiving the packet.
D4
CLN
Clean Receive: This bit is asserted provided no collision activity occurs during
repetition of the source and destination address fields, and the packet is of sufficient
size to contain these fields.
D5
COL
Collision: If a receive or transmit collision occurs during packet repetition the collision
bit is asserted.
D6
FAE
Frame Alignment Error: This bit is asserted if a Frame Alignment Error occurred in
the repeated packet.
D7
CRER
CRC Error: This bit is asserted if a CRC Error occurred in the repeated packet.
This status flag should not be tested if the COL bit is asserted since the error may be
simply due to the collision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com