Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 58Page - National Semiconductor (TI) DP83953 Datasheet HTML 59Page - National Semiconductor (TI) DP83953 Datasheet HTML 60Page - National Semiconductor (TI) DP83953 Datasheet HTML 61Page - National Semiconductor (TI) DP83953 Datasheet HTML 62Page - National Semiconductor (TI) DP83953 Datasheet HTML 63Page - National Semiconductor (TI) DP83953 Datasheet HTML 64Page - National Semiconductor (TI) DP83953 Datasheet HTML 65Page - National Semiconductor (TI) DP83953 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
62
www.national.com
7.0 RIC2A Registers (Continued)
Event Count and Interrupt Mask Register 2 (ECIMR-2) (Page 0H Address 15H)
The bits in this register effect the Port Event Count Register 2, PECR-2 on Page 4, Addresses 11H to 1DH.
D7
D6
D5
D4
D3
D2
D1
D0
res
ISAM
FWF-2
ROR-2
OWCC-2
PARTC-2
FAEC
FCSC
Bit
R/W
Symbol
Description
D0
R/W
FCSC
Frame Check Sequence Count Enable: This bit enables counting the packets
with frame check sequence error.
0: Disable the frame check sequence count.
1: Enable the frame check sequence count.
D1
R/W
FAEC
Frame Alignment Error Count Enable: This bit enables counting the packets
with frame alignment error.
0: Disable the frame alignment error count.
1: Enable the frame alignment error count.
D2
R/W
PARTC-2
Partition Count Enable: This bit enables recording of partition events.
0: Disable the partition count.
1: Enable the partition count.
D3
R/W
OWCC-2
Out of Window Collision Count Enable: This bit enables counting of out of
window collision events.
0: Disable the out of window collision count.
1: Enable the out of window collision count.
D4
R/W
ROR-2
Reset On Read: This bit enables the counter register to reset upon reading the
port event's counter.
0: No effect upon reading the register contents.
1: The counter register is reset by reading the contents of the
register.
D5
R/W
FWF-2
Freeze When Full: This bit controls the freezing of the Event Count registers
when the counter is full (FF Hex).
0: No effect on the event count register.
1: Freeze the event count register when the counter is full.
D6
R/W
ISAM
Interrupt on the Source Address Mismatch Mask
0: Interrupts will be generated on a source address mismatch
mask. (RTI pin becomes active.)
1: No interrupts are generated.
D7
R
resv
Reserved for Future Use
reads as a logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com