| Electronic Components Datasheet Search |
|
DP83953 Datasheet(PDF) 63 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83953 Datasheet(HTML) 63 Page - National Semiconductor (TI) |
|
63 / 90 page ![]() 63 www.national.com 7.0 RIC2A Registers (Continued) Interrupt and Management Configuration Register (Page 0H Address 16H) This register powers up with all bits set to one and must be initialized by a processor write cycle before any events will generate interrupts. RIC2A Address Register (Page 0H Address 17H) This register may be used to differentiate between RIC2As in a multi-RIC2A repeater system. The contents of this register form part of the information available through the management bus. D7 D6 D5 D4 D3 D2 D1 D0 IFC IHC ILC IFF IREC ICOL IPART MIFCON bit R/W Symbol Description D0 R/W MIFCON Management Interface Configuration 0: All Packets repeated are transmitted over the Management bus. 1: Packets repeated by the RIC2A that do not have Start of Frame Delimiters are not transmitted over the Management bus. D1 R/W IPART Interrupt on Partition 0: Interrupts will be generated (RTI pin goes active) if a port becomes Partitioned. 1: No interrupts are generated by this condition. D2 R/W ICOL Interrupt on Collision 0: Interrupts will be generated (RTI pin goes active) if this RIC2A has a port that experiences a collision (single RIC2A applications,) or contains a port that experiences a receive collision or is the first port to suffer a transmit collision in a packet in Multi-RIC2A applications. 1: No interrupts are generated by this condition. D3 R/W IREC Interrupt on Receive 0: Interrupts will be generated (RTI pin goes active) if this RIC2A contains the receive port for packet or collision activity. 1: No interrupts are generated by this condition. D4 R/W IFF Interrupt on Flag Found 0: Interrupts will be generated (ELI pin goes active) if one or more than one of the flags in the flag array is true. 1: No interrupts are generated by this condition. D5 R/W ILC Interrupt on Low Count 0: Interrupt generated (ELI pin goes active) when one or more of the Event Counters holds a value less than 256 counts. 1: no effect D6 R/W IHC Interrupt on High Count 0: Interrupt generated (ELI pin goes active) when one or more of the Event Counters holds a value in excess of 49152 counts. 1: No effect D7 R/W IFC Interrupt on Full Counter 0: Interrupt generated (ELI pin goes active) when one or more of the Event Counters is full. 1: No effect D7 D6 D5 D4 D3 D2 D1 D0 A5 A4 A3 A2 A1 A0 resv resv |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |