Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 30Page - National Semiconductor (TI) DP83953 Datasheet HTML 31Page - National Semiconductor (TI) DP83953 Datasheet HTML 32Page - National Semiconductor (TI) DP83953 Datasheet HTML 33Page - National Semiconductor (TI) DP83953 Datasheet HTML 34Page - National Semiconductor (TI) DP83953 Datasheet HTML 35Page - National Semiconductor (TI) DP83953 Datasheet HTML 36Page - National Semiconductor (TI) DP83953 Datasheet HTML 37Page - National Semiconductor (TI) DP83953 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
4.0 Functional Description (Continued)
34
www.national.com
Processor Access Cycles
Access to the RIC2A's on-chip registers is made via its pro-
cessor interface, which utilizes conventional non-multi-
plexed address (five bit) and data (eight bit) busses. Also,
the data bus provides data and address information to
external chip display latches during the display update
cycles. While performing these cycles, the RIC2A behaves
as a master of its data bus. Consequently a TRI-STATE bi-
directional bus transceiver, e.g. 74LS245, must be placed
between the RIC2A and any processor.
The RIC2A provides a scheme to facilitate faster register
access. The Lower Event Information Register (Page 1H,
Address 1FH) has a Disable LED Update bit (DLU). The
setting of this bit causes the RIC2A to stop LED updates.
This scheme “unshares” the data bus, holding the RIC2A in
slave access mode. This mode reduces the maximum
read/write cycle time to approximately 400 ns.
The processor requests a register access by asserting the
read “RD” or write “WR” input strobes. The RIC2A
responds by completing any current display update cycle
and asserts the TRI-STATE buffer enable signal “BUFEN”.
If the processor cycle is a write cycle then the RIC2A's data
buffers are disabled to prevent contention problems. In
order to interface to the RIC2A in a processor controlled
system, a PAL device may be used to perform the following
operations:
1. To locate the RIC2A in the processor's memory map (ad-
dress decode),
2. To generate the RIC2A's read and write strobes,
3. To control the direction signal for the 74LS245.
An example of the processor and display interfaces is
shown in Figure 13.
Interrupt Handling
The DP83953 RIC2A offers an alternative method for a
faster access to determine the source of the Event Logging
Interrupt (ELI) register than the DP83950 RIC.
For an event logging interrupt due to flag found, the
DP83950 RIC requires the following scheme:
1. Read the Page Select Register (Address 10H) to locate
the source of Event Logging Interrupt.
2. Read all the Port Event Recording Registers (Page 1H,
Address 11H to 1DH) to find the port and the event re-
sponsible for Event Logging Interrupt.
The DP83953 RIC2A allows the following alternate
scheme for a faster access:
1. Read Page Select Register (Address 10H) to locate the
source of Event Logging Interrupt.
2. Read the Event Information Registers (Page 1H, ad-
dresses 1EH and 1FH) to locate the port responsible for
interrupt.
3. Read the Event Recording register of that port to find
which specific event caused the Event Logging Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com