Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 52Page - National Semiconductor (TI) DP83953 Datasheet HTML 53Page - National Semiconductor (TI) DP83953 Datasheet HTML 54Page - National Semiconductor (TI) DP83953 Datasheet HTML 55Page - National Semiconductor (TI) DP83953 Datasheet HTML 56Page - National Semiconductor (TI) DP83953 Datasheet HTML 57Page - National Semiconductor (TI) DP83953 Datasheet HTML 58Page - National Semiconductor (TI) DP83953 Datasheet HTML 59Page - National Semiconductor (TI) DP83953 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
7.0 RIC2A Registers (Continued)
56
www.national.com
RIC2A Status and Configuration Register (Address 00H)
The lower portion of this register contains real time information concerning the operation of the RIC2A. The D7 bit repre-
sent the chosen configuration of the transceiver interface employed.
D7
D6
D5
D4
D3
D2
D1
D0
BINV
resv
resv
APART
JAB
AREC
ACOL
resv
Bit
R/W
Symbol
Access
Description
D0
R
resv
Reserved for future use
Reads as a logic 1.
D1
R
ACOL
Any Collisions
0: A collision is occurring at one or more of the RIC2A's ports.
1: No collisions.
D2
R
AREC
Any Receive
0: one of the RIC2A's ports is the current packet or collision receiver.
1: No packet or collision reception within this RIC2A.
D3
R
JAB
Jabber Protect
0: The RIC2A has been forced into jabber protect state by one of its ports or by
another port on the Inter-RIC bus, (Multi-RIC2A operations).
1: No jabber protect conditions exist.
D4
R
APART
Any Partition
0: One or more ports are partitioned.
1: No ports are partitioned.
D5
R
resv
Reserved
D6
R
resv
Reserved
Reads as a logic 1.
D7
R
BINV
Bus Invert
This register bit informs whether the Inter-RIC signals: IRE, ACTN, ANYXN, COLN
and Management bus signal MCRS are:
0: active high.
1: active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com