Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 31Page - National Semiconductor (TI) DP83953 Datasheet HTML 32Page - National Semiconductor (TI) DP83953 Datasheet HTML 33Page - National Semiconductor (TI) DP83953 Datasheet HTML 34Page - National Semiconductor (TI) DP83953 Datasheet HTML 35Page - National Semiconductor (TI) DP83953 Datasheet HTML 36Page - National Semiconductor (TI) DP83953 Datasheet HTML 37Page - National Semiconductor (TI) DP83953 Datasheet HTML 38Page - National Semiconductor (TI) DP83953 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
35
www.national.com
5.0 HUB MANAGEMENT SUPPORT
The RIC2A provides information regarding the status of its
ports and the packets being repeated. This data is avail-
able in three forms:
1. Counted Events - Network events accumulated into the
RIC2A's 16 bit Event Counter Registers.
2. Recorded Events - Network events that set bits in the
Event Record Registers.
3. Hub Management Status Packets- This is the informa-
tion sent over the Management Bus in a serial format to
be decoded by an Ethernet Controller board.
The processor interface provides access to all counted and
recorded event information. This data is port specific and
may be used to generate interrupts via the Event Logging
Interrupt “ELI” pin. Since the information is specific to each
port, each repeater port has its own event record register
and event counter. The counters and event record registers
have user definable masks which enable them to be config-
ured to count and record a variety of events. The counters
and record registers are designed to be used together so
that detailed information (i.e., a count value) can be held
on-chip for a specific network condition. More general infor-
mation, i.e. the occurrence of certain types of events, may
be retained in on-chip latches. Thus, the user can configure
the counters to increment upon a rapidly occurring event
(most likely to be used to count collisions), and the record
registers may log the occurrence of less frequent error con-
ditions such as jabber protect packets.
5.1 Event Counting Function
The counters may increment upon the occurrence of one of
the categories of event as described below.
Potential sources for Counter increment:
Jabber Protection (JAB): The port counter increments if
the length of a received packet from its associated port
causes the repeater state machine to enter the jabber pro-
tect state.
Elasticity Buffer Error (ELBER): The port counter incre-
ments if an Elasticity Buffer underflow or overflow condition
occurs during packet reception. This flag is held inactive if
a collision occurs during packet reception or if a phase lock
error, described below, has already occurred during packet
reception.
Phase Lock Error (PLER): A phase lock error is caused if
the phase lock loop decoder loses lock during packet
reception. Phase lock onto the received data stream may
or may not be recovered later in the packet, so data errors
may have occurred. This flag is held inactive if a collision
occurs.
Non SFD Packet (NSFD): If a packet is received and the
start of frame delimiter (SFD) is not detected the port
counter will increment. NSFD counting is inhibited if the
packet experiences a collision.
Out of Window Collision (OWC): The OWC flag for a port
goes active when a port experiences a collision outside of
the network slot time.
Transmit Collision (TXCOL): The TXCOL flag is enabled
when the repeater experiences a transmit collision.
Receive Collision (RXCOL): The RXCOL flag for a port
goes active when the port is the receive source of network
activity and suffers a collision, provided no other network
segments experience collisions. At that point, the receive
collision flag for the receiving port will be set.
Partition (PART): The port counter increments when a
port becomes partitioned.
Bad Link (BDLNK): The port counter increments when a
10BASE-T port has entered the link lost state.
Short Event reception (SE): The port counter increments
if the received packet is less than 74 bits long and no colli-
sion occurs during reception.
Packet Reception (REC): When a packet is received the
port counter increments.
In order to utilize the counters the user must choose, from
the above list, the desired statistics for counting. This
counter mask information must be written to the appropri-
ate registers (i.e. Upper and Lower Event Count Mask Reg-
isters). For the exact bit patterns of these registers please
read Section 7.0 of the data sheet.
If the counters are configured to count network collisions
and the appropriate masks have been set, then whenever a
collision occurs on a segment, this information will be
latched by the hub management support logic. At the end
of repetition of the packet the collision status, respective to
each port, is loaded into that port's counter. This operation
is completely autonomous and requires no processor inter-
vention.
Each counter is 16 bits long and may be directly read by
the processor. Additionally each counter has a number of
decodes to indicate the current value of the count. There
are three decodes:
low count (a value of 00FF Hex and under),
high count (a value of C000 Hex and above),
full count (a value of FFFF Hex).
The decodes from each counter are logically "ORed"
together and may be used as interrupts for the ELI interrupt
pin. Additionally, the status of these bits may be observed
by reading the Page Select Register. In order to enable
these threshold interrupts, the appropriate interrupt mask
bit must be written to the Management and Interrupt Con-
figuration Register. See Section 7.0 for register details.
In addition to their event masking functions, the Upper
Event Counting Mask Register (UECMR) possesses two
bits that control operation of the counters. The Reset On
Read “ROR” bit resets the counters after performing a pro-
cessor read cycle. If this ROR bit is not set, which is used
to zero the counters, then the counters must be either writ-
ten with zeros by the processor or allowed to rollover to all
zeros. The Freeze When Full “FWF” bit prevents counter
rollover by inhibiting count up cycles (these cycles happen
when chosen events occur), thereby freezing that particular
counter at FFFF Hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com