Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 38Page - National Semiconductor (TI) DP83953 Datasheet HTML 39Page - National Semiconductor (TI) DP83953 Datasheet HTML 40Page - National Semiconductor (TI) DP83953 Datasheet HTML 41Page - National Semiconductor (TI) DP83953 Datasheet HTML 42Page - National Semiconductor (TI) DP83953 Datasheet HTML 43Page - National Semiconductor (TI) DP83953 Datasheet HTML 44Page - National Semiconductor (TI) DP83953 Datasheet HTML 45Page - National Semiconductor (TI) DP83953 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
42
www.national.com
5.0 HUB MANAGEMENT SUPPORT (Continued)
Packet Status Register 2
Modified Packet Status Register 5 (MPS=1 in GSR register)
RIC2A provides an option for a new Packet Status Register 5 (PSR5) field. On the seven bytes of management status
field, PSR5 has been modified to indicate the source address mismatch information (SAM bit) for security purposes.
By using this option, the maximum received byte count changes to 2048 (211). As soon as the counter reaches this num-
ber, it will freeze, instead of rolling over and starting again on the reception of the next packet.
A RUNT bit has also been added to this register indicating whether the last packet received by a port was RUNT. (A
packet is RUNT when its length is greater than or equal to Short Event and less than or equal to 64 bytes from SFD.)
The other registers comprise the remainder of the collision timer register [PSR(3)], the Repeat Byte Count registers
[PSR(4) and PSR(5)], and the Inter Frame Gap Counter "IFG" register [PSR(6)].
D7
D6
D5
D4
D3
D2
D1
D0
SE
OWC
NSFD
PLER
ELBER
JAB
CBT9
CBT8
Bit
Symbol
Description
D(1:0)
CT(9:8)
Collision Timer Bits 9 and 8: These two bits are the upper bits of the collision bit timer.
D2
JAB
Jabber Event: This bit indicates that the receive packet was long enough to force the
repeater into the jabber protect state.
D3
ELBER
Elasticity Buffer Error During the packet an Elasticity Buffer underflow or overflow
condition occurred.
D4
CRER
Carrier Error Event: The packet suffered sufficient jitter/noise corruption to cause the
PLL decoder to lose lock.
D5
NSFD
Non SFD: The repeated packet did not contain a Start of Frame Delimiter. When this bit
is set the Repeat Byte Counter counts the length of the entire packet. When this bit is
not set the byte counter only counts post SFD bytes.
Note: The operation of this bit is not inhibited by the occurrence of a collision during packet repetition (see de-
scription of the Repeat Byte Counter below).
D6
OWC
Out of Window Collision: The packet suffered an out of window collision.
D7
SE
Short Event: The received activity was so small it met the criteria to be classed as a
short event.
Modified Packet Status Register 5 (MPS=1 in GSR register)
D7
D6
D5
D4
D3
D2
D1
D0
resv
resv
resv
SAM
RUNT
RBY10
RBY9
RBY8
Bit
R/W
Symbol
Description
D0
NA
RBY8
Eighth bit of receive byte count
D1
NA
RBY9
Ninth bit of receive byte count
D2
NA
RBY10
Tenth bit of receive byte count
D3
NA
RUNT
RUNT: A packet whose length is less or equal to 64 bytes from SFD and
greater than or equal to SE length.
0: Last packet received was not a runt
1: Last packet received was a runt
D4
NA
SAM
Source Address Mismatch:
0: Source address match occurred for the last packet
1: Source address mismatch occurred for the last packet
D[7:5]
NA
resv
Reserved for Future Use: reads as a logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com