Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 53Page - National Semiconductor (TI) DP83953 Datasheet HTML 54Page - National Semiconductor (TI) DP83953 Datasheet HTML 55Page - National Semiconductor (TI) DP83953 Datasheet HTML 56Page - National Semiconductor (TI) DP83953 Datasheet HTML 57Page - National Semiconductor (TI) DP83953 Datasheet HTML 58Page - National Semiconductor (TI) DP83953 Datasheet HTML 59Page - National Semiconductor (TI) DP83953 Datasheet HTML 60Page - National Semiconductor (TI) DP83953 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
57
www.national.com
7.0 RIC2A Registers (Continued)
Port Real Time Status Registers (Address 01H to 0DH)
D7
D6
D5
D4
D3
D2
D1
D0
DISPT
SQL
PTYPE1
PTYPE0
PART
REC
COL
GDLNK
Bit
R/W
Symbol
Description
D0
R/W
GDLNK
Good link
0: Link pulses are being received by the port.
1: Link pulses are not being received by the port logic.
Note: Writing a 1 to this bit will cause the 10Base-T transceiver not to transmit or monitor the reception of
link pulses. If port 1 (AUI port) is read, then this bit is undefined.
D1
R
COL
Collision
0: A collision is happening or has occurred during the current packet.
1: No collisions have occurred as yet during this packet.
D2
R
REC
Receive
0: This port is now or has been the receive source of packet or collision information
for the current packet.
1: This port has not been the receive source during the current packet.
D3
R/W
PART
Partition
0: This port is partitioned.
1: This port is not partitioned.
Writing a logic one to this bit forces segment reconnection and partition state
machine reset. Writing a zero to this bit has no effect.
D(5,4)
R
PTYPE0
PTYPE1
Partition Type 0
Partition Type 1
The partition type bits provide information specifying why the port is partitioned.
D6
R/W
SQL
Squelch Levels
0: Port operates with normal IEEE receive squelch level.
1: Port operates with reduced receive squelch level.
Note 1: In addition to hysteresis that DP83950 RIC provides on normal receive squelch, DP83953 RIC2A
provides a hysteresis when operating in the reduced squelch level mode.
D7
R/W
DISPT
Disable Port
0: Port operates as defined by repeater operations.
1: All port activity is prevented.
a
PTYPE1
PTYPE0
Information
0
0
Consecutive collision limit reached
0
1
Excessive length of collision limit reached
1
0
Failure to see data loopback from transceiver in monitored
window
1
1
Processor forced reconnection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com