Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 2Page - National Semiconductor (TI) DP83953 Datasheet HTML 3Page - National Semiconductor (TI) DP83953 Datasheet HTML 4Page - National Semiconductor (TI) DP83953 Datasheet HTML 5Page - National Semiconductor (TI) DP83953 Datasheet HTML 6Page - National Semiconductor (TI) DP83953 Datasheet HTML 7Page - National Semiconductor (TI) DP83953 Datasheet HTML 8Page - National Semiconductor (TI) DP83953 Datasheet HTML 9Page - National Semiconductor (TI) DP83953 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
2.0 Pin Descriptions (Continued)
6
www.national.com
Pin Name
Pin No.
Driver
Type
I/O
Description
Processor Bus Pins
RA0 - RA4
TT
I
REGISTER ADDRESS INPUTS: These five pins are used to
select a register to be read or written. The state of these inputs
is ignored when the read, write and Mode Load input strobes
are high. (Even under these conditions these inputs must not be
allowed to float at an undefined logic state). See text and table
for proper Mode Load Operation strapping.
STR0
63
C
O
DISPLAY UPDATE STROBE 0
Maximum Display Mode: This signal controls the latching of
display data for network ports 1 to 7 into the off chip display
latches.
Minimum Display Mode: This signal controls the latching of
display data for the RIC2A into the off chip display latch.
During processor access cycles (read or write is asserted) this
signal is inactive (high).
STR1
66
C
O
DISPLAY UPDATE STROBE 1
Maximum Display Mode: This signal controls the latching of
display data for network ports 8 to 13 into the off chip display
latches.
Minimum Display Mode: No operation
During processor access cycles (read or write is asserted) this
signal is inactive (high).
D0 - D7
TT
B, Z
Data Bus
Display Update Cycles: These pins become outputs providing
display data and port address information.
Processor Access Cycles: Data input or output is performed
via these pins. The read, write and mode load inputs control the
direction of the signals.See text and table for proper Mode Load
Operation strapping.
Note: The data pins remain in their display update function, i.e., asserted as out-
puts unless either the read or write strobe is asserted.
BUFEN
70
C
O
BUFFER ENABLE: This output controls the TRI-STATE® oper-
ation of the bus transceiver which provides the interface be-
tween the RIC2A's data pins and the processor's data bus.
Note: The buffer enable output indicates the function of the data pins. When it is
high they are performing display update cycles, when it is low a processor access
or mode load cycle is occurring.
RDY
69
C
O
DATA READY STROBE: The falling edge of this signal during
a read cycle indicates that data is stable and valid for sampling.
In write cycles the falling edge of RDY denotes that the write
data has been latched by the RIC2A. Therefore data must have
been available and stable for this operation to be successful.
ELI
68
C
O
EVENT LOGGING INTERRUPT: A low level on the ELI output
indicates the RIC2A's hub management logic requires CPU at-
tention. The interrupt is cleared by accessing the Port Event Re-
cording register or Event Counter that produced it. All interrupt
sources may be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com