Electronic Components Datasheet Search
  English  ▼

X  

DP83953 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 27Page - National Semiconductor (TI) DP83953 Datasheet HTML 28Page - National Semiconductor (TI) DP83953 Datasheet HTML 29Page - National Semiconductor (TI) DP83953 Datasheet HTML 30Page - National Semiconductor (TI) DP83953 Datasheet HTML 31Page - National Semiconductor (TI) DP83953 Datasheet HTML 32Page - National Semiconductor (TI) DP83953 Datasheet HTML 33Page - National Semiconductor (TI) DP83953 Datasheet HTML 34Page - National Semiconductor (TI) DP83953 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
4.0 Functional Description (Continued)
31
www.national.com
Note: ACOL= Any Port Collision, AREC= Any Port Reception, JAB= Any Port Jabbering, LINK=Port Link, COL= Port Collision, REC=Port Reception,
PART=Port Partitioned, BDPOL=Bad (inverse) Polarity of received data
This shows the LED Output Functions for the LED Drivers when 74LS259s are used. The top table refers to the bank of 4 74LS259s latched with
STR0,
and the lower table refers to the bank of 4 74LS259s latched with
STR0. For example the RIC2A's D0 data signal goes to 259 #1 and #5. These two
74LS259s then drive the LINK LEDs.
Table 3. Status Display Pin Functions in Maximum Mode
Signal Pin Name
Function in MAXIMUM MODE
D0
Provides status information concerning the Link Integrity status of 10BASE-T segments. This signal
should be connected to the data inputs of the chosen pair of 74LS259 latches.
D1
Provides status information indicating if there is a collision occurring on one of the segments at-
tached to this RIC2A. This signal should be connected to the data inputs of the chosen pair of
74LS259 latches.
D2
Provides status information indicating if one of this RIC2A's ports is receiving a data or a collision
packet from its segment. This signal should be connected to the data inputs of the chosen pair of
74LS259 latches.
D3
Provides Status information indicating that the RIC2A has experienced a jabber protect condition.
Additionally it denotes which of its ports are partitioned. This signal should be connected to the data
inputs of the chosen pair of 74LS259 latches.
D4
Provides status information indicating if one of this RIC2A's ports is receiving data of inverse polar-
ity. This status output is only valid if the port is configured to use its internal 10BASE-T transceiver.
The signal should be connected to the data inputs of the chosen pair of 74LS259 latches.
D(7:5)
These signals provide the repeater port address corresponding to the data available on D(4:0).
STR0
This signal is the latch enable for the lower byte latches, that is the 74LS259s which display infor-
mation concerning ports 1 to 7.
STR1
This signal is the latch enable for the upper byte latches, that is the 74LS259s which display infor-
mation concerning ports 8 to 13.
Table 4. Maximum Mode LED Definitions
74LS259 Latch Inputs = STR0
259 Output
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
259 Addr S2-0
000
001
010
011
100
101
110
111
RIC2A Port Number
1 (AUI)
2
3
4
5
6
7
RIC2A DO 259 #1
LINK
LINK
LINK
LINK
LINK
LINK
RIC2A D1 259 # 2
ACOL
COL
COL
COL
COL
COL
COL
COL
RIC2A D2 259 # 3
AREC
REC
REC
REC
REC
REC
REC
REC
RIC2A D3 259 # 4
JAB
PART
PART
PART
PART
PART
PART
PART
RIC2A D4 259 # 5
BDPOL
BDPOL
BDPOL
BDPOL
BDPOL
BDPOL
74LS259 (or Equiv.) Latch Inputs = STR0
259 Outputs
Q0Q1
Q2Q3
Q4Q5
Q6Q7
259 Addr S2-0
000
001
010
011
100
101
110
111
RIC2A Port Number
8
9
10
11
12
13
RIC2A DO 259 # 6
LINK
LINK
LINK
LINK
LINK
LINK
RIC2A D1 259 # 7
COL
COL
COL
COL
COL
COL
RIC2A D2 259 # 8
REC
REC
REC
REC
REC
REC
RIC2A D3 259 # 9
PART
PART
PART
PART
PART
PART
RIC2A D4 259 # 10
BDPOL
BDPOL
BDPOL
BDPOL
BDPOL
BDPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com