Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 188 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 188 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 184Page - PMC-Sierra, Inc PM8313 Datasheet HTML 185Page - PMC-Sierra, Inc PM8313 Datasheet HTML 186Page - PMC-Sierra, Inc PM8313 Datasheet HTML 187Page - PMC-Sierra, Inc PM8313 Datasheet HTML 188Page - PMC-Sierra, Inc PM8313 Datasheet HTML 189Page - PMC-Sierra, Inc PM8313 Datasheet HTML 190Page - PMC-Sierra, Inc PM8313 Datasheet HTML 191Page - PMC-Sierra, Inc PM8313 Datasheet HTML 192Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 188 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
178
Figure 32
- Receive Data Link Output Timing
tP
RDLSIG
RDLSIG
RDLCLK
Notes on Output Timing:
1. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
2. Maximum output propagation delays are measured with a 20 pF load on the
high-speed DS3 outputs (TCLK, TPOS/TDAT, TNEG/TMFP, ROCLK, RODAT,
RMFP, RMSFP, and ROHP) and a 50 pF load on the remaining outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com