Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 48 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 44Page - PMC-Sierra, Inc PM8313 Datasheet HTML 45Page - PMC-Sierra, Inc PM8313 Datasheet HTML 46Page - PMC-Sierra, Inc PM8313 Datasheet HTML 47Page - PMC-Sierra, Inc PM8313 Datasheet HTML 48Page - PMC-Sierra, Inc PM8313 Datasheet HTML 49Page - PMC-Sierra, Inc PM8313 Datasheet HTML 50Page - PMC-Sierra, Inc PM8313 Datasheet HTML 51Page - PMC-Sierra, Inc PM8313 Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
38
8.5
DS3 Transmitter
The TRAN T3 transmitter integrates circuitry required to insert the overhead bits
into a DS3 bit stream and produce a B3ZS encoded signal. The TRAN is directly
compatible with the M23 and C-bit parity DS3 formats specified in ANSI T1.107a.
When configured for the C-bit parity application, all overhead bits are inserted.
When configured for the M23 application, all overhead bits except the stuff
control bits (the C-bits) are inserted; the C-bits must be inserted by upstream
circuitry (such as the MX23 TSB). The TRAN provides indication of the M-frame
boundary in the outgoing DS3 signal. The DS3 signal may optionally be encoded
in B3ZS format.
Status signals such as far end receive failure, the alarm indication signal, and the
idle signal can be inserted when their transmission is enabled by internal register
bits.
A valid pair of P-bits is automatically calculated and inserted by the TRAN. When
C-bit parity mode is selected, the C-bit parity bits, and far end block error (FEBE)
indications are automatically inserted.
When enabled for C-bit parity operation, the alarm and control channel and the
path maintenance data link are input serially at 9.4 kbit/s and 28.2 kbit/s,
respectively, and inserted into the appropriate overhead bits. Codes to be
inserted into the alarm and control channel are sourced by the XBOC bit-
oriented code transmitter TSB. LAPD messages to be inserted in the path
maintenance data link are sourced by the XFDL data link transmitter.
The TRAN supports diagnostic modes in which it inserts P or C-bit parity errors,
F-bit framing errors, M-bit framing errors, invalid X or P-bits, line code violations,
or all-zeros.
8.6
Path Maintenance Data Link Transmitter
The XFDL Data Link Transmitter is designed to provide a serial path
maintenance HDLC data link for the DS3 C-bit parity application. The XFDL is
used under microprocessor to transmit HDLC data frames. It performs all of the
data serialization, CRC generation, zero-bit stuffing, as well as flag, idle, and
abort sequence insertion. Data to be transmitted is provided on an interrupt-
driven basis by writing to a double-buffered transmit data register. Upon
completion of the frames, a CRC-CCITT frame check sequence is transmitted,
followed by idle flag sequences. If the transmit data register underflows, an abort
sequence is automatically transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com