Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 15 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 15 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 11Page - PMC-Sierra, Inc PM8313 Datasheet HTML 12Page - PMC-Sierra, Inc PM8313 Datasheet HTML 13Page - PMC-Sierra, Inc PM8313 Datasheet HTML 14Page - PMC-Sierra, Inc PM8313 Datasheet HTML 15Page - PMC-Sierra, Inc PM8313 Datasheet HTML 16Page - PMC-Sierra, Inc PM8313 Datasheet HTML 17Page - PMC-Sierra, Inc PM8313 Datasheet HTML 18Page - PMC-Sierra, Inc PM8313 Datasheet HTML 19Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
5
• Allows transmission of far end receive failure (FERF) and alarm indication
signal (AIS) under microprocessor control.
• Allows inversion of inserted F or M bits for diagnostic purposes.
• Demultiplexes a single M12 format DS2 bit stream into four DS1 bit streams.
• Detects per DS1 payload loopback requests encoded in the received C-bits.
• Allows per DS1 payload loopback to be activated or cleared under
microprocessor control.
• Performs required inversion of second and fourth demultiplexed DS1 streams.
E1 Functionality
• Multiplexes three 2048 kbit/s bit streams into a single G.747 format 6312
kbit/s bit stream.
• Inserts frame alignment signal and parity bit into transmitted 6312 kbit/s bit
stream.
• Allows transmission of remote alarm indication (RAI) and reserved bit (Set II,
bit 3) under microprocessor control.
• Allows inversion of inserted frame alignment signal for diagnostic purposes.
• Allows inversion of the C-bits in anticipation of remote loopback
recommendations.
• Demultiplexes a single G.747 format 6312 kbit/s bit stream into three 2048
kbit/s bit streams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com