Electronic Components Datasheet Search
  English  ▼

X  

PM8313 Datasheet(PDF) 26 Page - PMC-Sierra, Inc

Part # PM8313
Description  M13 MULTIPLEXER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8313 Datasheet(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM8313 Datasheet HTML 22Page - PMC-Sierra, Inc PM8313 Datasheet HTML 23Page - PMC-Sierra, Inc PM8313 Datasheet HTML 24Page - PMC-Sierra, Inc PM8313 Datasheet HTML 25Page - PMC-Sierra, Inc PM8313 Datasheet HTML 26Page - PMC-Sierra, Inc PM8313 Datasheet HTML 27Page - PMC-Sierra, Inc PM8313 Datasheet HTML 28Page - PMC-Sierra, Inc PM8313 Datasheet HTML 29Page - PMC-Sierra, Inc PM8313 Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 192 page
background image
PM8313 D3MX
DATA SHEET
PMC-920702
ISSUE 5
M13 MULTIPLEXER
16
Pin Name
Type
Pin No. Function
ROHCLK
Output
21
The receive overhead clock (ROHCLK) cycles
once per overhead bit. ROHCLK is nominally a
526 kHz clock. ROOF, RFERF, RAIS, RIDL,
RFERR, ROH, and ROHFP are updated on the
falling edge of ROHCLK.
ROH
Output
20
The receive overhead data (ROH) signal
contains the overhead bits (C, F, X, P, and M)
extracted from the received DS3 stream. ROH
is updated on the falling edge of ROHCLK.
ROHFP
Output
19
The receive overhead frame position (ROHFP)
signal may be used to locate the individual
overhead bits in the received overhead data
stream, ROH. ROHFP is high during the X1
overhead bit position in the ROH stream.
ROHFP is updated on the falling edge of
ROHCLK.
RLOS
Output
22
The receive loss of signal (RLOS) status is set
high when the dual rail NRZ format stream is
selected, and 175 successive zeros are
detected on the RPOS and RNEG inputs.
RLOS is set low when the ones' density is
greater than 33% for 175 ± 1 bit periods on the
RPOS and RNEG inputs. RLOS is updated on
the falling edge of ROCLK.
REXZ
Output
25
The receive excessive zero (REXZ) signal
indicates the presence of 3 or more
consecutive zeros in the received DS3 bipolar
stream. REXZ pulses high for one ROCLK
cycle whenever 3 or more consecutive zeros
are detected. When the Receive DS3 interface
is configured to for uni-polar data, the REXZ
output is forced low. REXZ is updated on the
falling edge of ROCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com